データシートサーチシステム |
|
SN74ALS273NSRE4 データシート(PDF) 3 Page - Texas Instruments |
|
SN74ALS273NSRE4 データシート(HTML) 3 Page - Texas Instruments |
3 / 18 page SN54ALS273, SN74ALS273 OCTAL D-TYPE FLIP-FLOPS WITH CLEAR SDAS218A – APRIL 1982 – REVISED DECEMBER 1994 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions SN54ALS273 SN74ALS273 UNIT MIN NOM MAX MIN NOM MAX UNIT VCC Supply voltage 4.5 5 5.5 4.5 5 5.5 V VIH High-level input voltage 2 2 V VIL Low-level input voltage 0.7 0.8 V IOH High-level output current –1 – 2.6 mA IOL Low-level output current 12 24 mA fclock Clock frequency 0 30 0 35 MHz CLR low 10 10 tw Pulse duration CLK high 16.5 14 ns CLK low 16.5 14 t Set p time before CLK ↑ Data 10 10 ns tsu Setup time before CLK ↑ CLR inactive state 15 15 ns th Hold time, data after CLK ↑ 0 0 ns TA Operating free-air temperature –55 125 0 70 °C electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS SN54ALS273 SN74ALS273 UNIT PARAMETER TEST CONDITIONS MIN TYP† MAX MIN TYP† MAX UNIT VIK VCC = 4.5 V, II = – 18 mA – 1.5 – 1.5 V VCC = 4.5 V to 5.5 V, IOH = – 0.4 mA VCC –2 VCC –2 VOH VCC =4 5V IOH = – 1 mA 2.4 3.3 V VCC = 4.5 V IOH = – 2.6 mA 2.4 3.2 VOL VCC =4 5V IOL = 12 mA 0.25 0.4 0.25 0.4 V VOL VCC = 4.5 V IOL = 24 mA 0.35 0.5 V II VCC = 5.5 V, VI = 7 V 0.1 0.1 mA IIH VCC = 5.5 V, VI = 2.7 V 20 20 µA IIL VCC = 5.5 V, VI = 0.4 V – 0.2 – 0.2 mA IO‡ VCC = 5.5 V, VO = 2.25 V –20 –112 –30 –112 mA ICCH VCC = 5.5 V 11 20 11 20 mA ICCL VCC = 5.5 V 19 29 19 29 mA † All typical values are at VCC = 5 V, TA = 25°C. ‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS. |
同様の部品番号 - SN74ALS273NSRE4 |
|
同様の説明 - SN74ALS273NSRE4 |