データシートサーチシステム |
|
SN74HC373PWT データシート(PDF) 1 Page - Texas Instruments |
|
|
SN74HC373PWT データシート(HTML) 1 Page - Texas Instruments |
1 / 23 page SN54HC373, SN74HC373 OCTAL TRANSPARENT DTYPE LATCHES WITH 3STATE OUTPUTS SCLS140D − DECEMBER 1982 − REVISED AUGUST 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Wide Operating Voltage Range of 2 V to 6 V D High-Current 3-State True Outputs Can Drive Up To 15 LSTTL Loads D Low Power Consumption, 80-µA Max ICC D Typical tpd = 13 ns D ±6-mA Output Drive at 5 V D Low Input Current of 1 µA Max D Eight High-Current Latches in a Single Package D Full Parallel Access for Loading 32 1 20 19 910 11 1213 4 5 6 7 8 18 17 16 15 14 8D 7D 7Q 6Q 6D 2D 2Q 3Q 3D 4D SN54HC373 ...FK PACKAGE (TOP VIEW) SN54HC373 ...J OR W PACKAGE SN74HC373 . . . DB, DW, N, NS, OR PW PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 OE 1Q 1D 2D 2Q 3Q 3D 4D 4Q GND VCC 8Q 8D 7D 7Q 6Q 6D 5D 5Q LE description/ordering information These 8-bit latches feature 3-state outputs designed specifically for driving highly capacitive or relatively low-impedance loads. They are particularly suitable for implementing buffer registers, I/O ports, bidirectional bus drivers, and working registers. The eight latches of the ’HC373 devices are transparent D-type latches. While the latch-enable (LE) input is high, the Q outputs follow the data (D) inputs. When LE is taken low, the Q outputs are latched at the levels that were set up at the D inputs. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP − N Tube of 20 SN74HC373N SN74HC373N SOIC − DW Tube of 25 SN74HC373DW HC373 SOIC − DW Reel of 2000 SN74HC373DWR HC373 −40 °C to 85°C SOP − NS Reel of 2000 SN74HC373NSR HC373 −40 °C to 85°C SSOP − DB Reel of 2000 SN74HC373DBR HC373 Tube of 70 SN74HC373PW TSSOP − PW Reel of 2000 SN74HC373PWR HC373 TSSOP − PW Reel of 250 SN74HC373PWT HC373 CDIP − J Tube of 20 SNJ54HC373J SNJ54HC373J −55 °C to 125°C CFP − W Tube of 85 SNJ54HC373W SNJ54HC373W −55 C to 125 C LCCC − FK Tube of 55 SNJ54HC373FK SNJ54HC373FK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. Copyright 2003, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. On products compliant to MILPRF38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
同様の部品番号 - SN74HC373PWT |
|
同様の説明 - SN74HC373PWT |