データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CX3SM データシート(PDF) 2 Page - STATEK CORPORATION

部品番号 CX3SM
部品情報  Low Profile Miniature Surface Mount Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STATEK [STATEK CORPORATION]
ホームページ  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CX3SM データシート(HTML) 2 Page - STATEK CORPORATION

  CX3SM Datasheet HTML 1Page - STATEK CORPORATION CX3SM Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
10123 - Rev C
SPECIFICATIONS
Specifications are typical at 25OC unless otherwise noted.
Specifications are subject to change without notice.
Frequency Range
800 kHz - 1.35 MHz
Functional Mode
Extensional
Calibration Tolerance1
500 ppm (0.05%)
1000 ppm (0.1%)
10000 ppm (1.0%)
Load Capacitance
7 pF
Motional Resistance (R1)
5 kΩ MAX
Motional Capacitance (C1) 1.2 fF
Quality Factor (Q)
150 k
Shunt Capacitance (C0)
1.0 pF
Drive Level
3 µW MAX.
Turning Point (T0)2
35OC
Temperature Coefficient (k) -0.035 ppm/OC2
Note: Frequency f at temperature T is related to frequency f0
at turning point temperature T0 by:
Aging, first year
5 ppm MAX
Shock, survival
1000 g, 0.3 ms,1/2 sine
Vibration, survival
10 g RMS, 20-1,000 Hz random
Operating Temp. Range
-10OC to +70OC (Commercial)
-40OC to +85OC (Industrial)
-55OC to +125OC (Military)
Storage Temp. Range
-55OC to +125OC
Max Process Temperature 260OC for 20 sec.
1. Tighter tolerances available.
2. Other values available.
+
_
+
_
+
_
f-f0 = k(T-T
0)
2
f0
HOW TO ORDER CX3SM CRYSTALS
CX3
S
C
SM1
1.0M
,
500
/
I
TERMINATIONS
Designation
Termination
SM1
Gold Plated
SM2
Solder Plated
SM3
Solder Dipped
SM4
Solder Plated (Lead Free)
SM5
Solder Dipped (Lead Free)
PACKAGING OPTIONS
CX3SM
- Tray Pack
- Tape and Reel
(Reference tape and reel data sheet 10109)
TYPICAL APPLICATION
FOR A PIERCE OSCILLATOR
The low profile CX miniature surface mount crystal is ideal
for small, high density, battery operated portable products.
The CX crystal designed in a Pierce oscillator (single
inverter) circuit provides very low current consumption and
high stability. A conventional CMOS Pierce oscillator circuit
is shown below. The crystal is effectively inductive and in a
PI-network circuit with CD and CG provides the additional
phase shift necessary to sustain oscillation. The oscillation
frequency (f0) is 15 to 150 ppm above the crystal’s series
resonant frequency (fS).
Drive Level
RA is used to limit the crystal’s drive level by forming a
voltage divider between RA and CD. RA also stabilizes the
oscillator against changes in the amplifiers output
resistance (R0). RA should be increased for higher voltage
operation.
Load Capacitance
The CX crystal calibration tolerance is influenced by the
effective circuit capacitances, specified as the load
capacitance (CL). CL is approximately equal to:
NOTE: CD and CG include stray layout to ground and CS
is the stray shunt capacitance between the crystal
terminal. In practice, the effective value of CL will be less
than that calculated from CD, CG and CS values because
of the effect of the amplifier output resistance. CS should
be minimized.
The oscillation frequency (f0) is approximately equal to:
AMPLIFIER
BUFFER
CG
CD
RA
CX3
XTAL
OSC
Freq (f )
O
Rf
CONVENTIONAL CMOS
PIERCE OSCILLATOR CIRCUIT
f0 = fS
[1+ C1
]
2(C0 + CL)
(2)
Where f
S = Series resonant frequency of the crystal
C1 = Motional Capacitance
C0 = Shunt Capacitance
CL =
CD x CG
+
CS
CD + CG
(1)
“S” if special or
custom design.
Blank if Std.
Blank = Glass Lid
C = Ceramic Lid
SM1 = Gold Plated
SM2 = Solder Plated
SM3 = Solder Dipped
SM4 = Solder Plated (Lead Free)
SM5 = Solder Dipped (Lead Free)
Frequency
K = kHz
M = MHz
Calibration
Tolerance
@ 25OC
(in ppm)
Operating Temp. Range:
C = -10OC to +70OC
I = -40OC to +85OC
M = -55OC to +125OC
S = Customer Specified


同様の部品番号 - CX3SM

メーカー部品番号データシート部品情報
logo
RSG Electronic Componen...
CX3SM RSG-CX3SM Datasheet
482Kb / 2P
   800 kHz to 1.35 MHz Low Profile Miniature Surface Mount Quartz Crystal
logo
EUROQUARTZ limited
CX3SM EUROQUARTZ-CX3SM Datasheet
151Kb / 2P
   Extensional mode resonator, 760kHz to 1.35MHz
CX3SM EUROQUARTZ-CX3SM Datasheet
249Kb / 1P
   Tape and Reel Dimensions for CX Crystals
logo
RSG Electronic Componen...
CX3SM-AT RSG-CX3SM-AT Datasheet
97Kb / 2P
   9.6 MHz to 250 MHz Low Profile Miniature Surface Mount AT Quartz Crystal
CX3SM1 RSG-CX3SM1 Datasheet
482Kb / 2P
   800 kHz to 1.35 MHz Low Profile Miniature Surface Mount Quartz Crystal
More results

同様の説明 - CX3SM

メーカー部品番号データシート部品情報
logo
STATEK CORPORATION
CX2SM STATEK-CX2SM Datasheet
452Kb / 2P
   Low Profile Miniature Surface Mount Quartz Crystal
CX16 STATEK-CX16 Datasheet
189Kb / 2P
   Low Profile, Ultra-Miniature Surface Mount Quartz Crystal
CX3SMAT STATEK-CX3SMAT Datasheet
64Kb / 2P
   Low Profile Miniature Surface Mount AT Quartz Crystal
CX4 STATEK-CX4 Datasheet
445Kb / 2P
   Ultra-Miniature Low Profile Surface Mount Quartz Crystal
CX9VSM STATEK-CX9VSM Datasheet
451Kb / 2P
   Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX4VSM STATEK-CX4VSM_11 Datasheet
107Kb / 2P
   Ultra-Miniature Low Profile Surface Mount Quartz Crystal
CX9VSM STATEK-CX9VSM_12 Datasheet
133Kb / 2P
   Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX4 STATEK-CX4_08 Datasheet
117Kb / 2P
   Ultra-Miniature Low Profile Surface Mount Quartz Crystal
CX7VSM STATEK-CX7VSM_12 Datasheet
191Kb / 2P
   Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX11SM STATEK-CX11SM Datasheet
479Kb / 2P
   Low Profile, Ultra-Miniature Surface Mount Quartz Crystal
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com