データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ABT7820-15PH データシート(PDF) 10 Page - Texas Instruments

部品番号 SN74ABT7820-15PH
部品情報  STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT7820-15PH データシート(HTML) 10 Page - Texas Instruments

Back Button SN74ABT7820-15PH Datasheet HTML 6Page - Texas Instruments SN74ABT7820-15PH Datasheet HTML 7Page - Texas Instruments SN74ABT7820-15PH Datasheet HTML 8Page - Texas Instruments SN74ABT7820-15PH Datasheet HTML 9Page - Texas Instruments SN74ABT7820-15PH Datasheet HTML 10Page - Texas Instruments SN74ABT7820-15PH Datasheet HTML 11Page - Texas Instruments SN74ABT7820-15PH Datasheet HTML 12Page - Texas Instruments SN74ABT7820-15PH Datasheet HTML 13Page - Texas Instruments SN74ABT7820-15PH Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
SN74ABT7820
512
× 18 × 2
STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SCAS206D – AUGUST 1991 – REVISED APRIL 1998
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage range, VCC
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
– 0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high state or power-off state, VO
– 0.5 V to 5.5 V
. . . . . . . . . . . . . .
Current into any output in the low state, IO
48 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
– 18 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0)
– 50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): PH package
76
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PN package
62
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
0
VCC
V
IOH
High-level output current
–12
mA
IOL
Low-level output current
24
mA
∆t/∆v
Input transition rise or fall rate
5
ns / V
TA
Operating free-air temperature
0
70
°C


同様の部品番号 - SN74ABT7820-15PH

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ABT7820 TI-SN74ABT7820 Datasheet
196Kb / 15P
[Old version datasheet]   512 횞 18 횞 2 STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7820PH TI-SN74ABT7820PH Datasheet
196Kb / 15P
[Old version datasheet]   512 횞 18 횞 2 STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7820PN TI-SN74ABT7820PN Datasheet
196Kb / 15P
[Old version datasheet]   512 횞 18 횞 2 STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results

同様の説明 - SN74ABT7820-15PH

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ABT7820 TI-SN74ABT7820 Datasheet
196Kb / 15P
[Old version datasheet]   512 횞 18 횞 2 STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7806 TI-SN74ACT7806 Datasheet
137Kb / 10P
[Old version datasheet]   256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7804 TI-SN74ACT7804 Datasheet
146Kb / 11P
[Old version datasheet]   512 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7806 TI-SN74ACT7806_06 Datasheet
174Kb / 12P
[Old version datasheet]   256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7814-40DL TI1-SN74ACT7814-40DL Datasheet
525Kb / 16P
[Old version datasheet]   64 x 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI1-SN74ABT3612_15 Datasheet
521Kb / 34P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ABT7820 TI-SN54ABT7820 Datasheet
199Kb / 14P
[Old version datasheet]   512 횞 18 횞 2 STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7814 TI-SN74ACT7814 Datasheet
146Kb / 11P
[Old version datasheet]   64 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7804 TI-SN74ACT7804_06 Datasheet
183Kb / 13P
[Old version datasheet]   512 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7808 TI-SN74ACT7808_07 Datasheet
293Kb / 18P
[Old version datasheet]   2048 횞 9 STROBED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com