データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

4N25-500E データシート(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 4N25-500E
部品情報  Phototransistor Optocoupler General Purpose Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

4N25-500E データシート(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  4N25-500E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED 4N25-500E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED 4N25-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED 4N25-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED 4N25-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 4N25-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 4N25-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Figure 1. Forward current vs. temperature.
Figure 2. Collector power dissipation vs. temperature.
Figure 3. Forward current vs. forward voltage.
0
TA – AMBIENT TEMPERATURE – °C
-25
75
125
60
25
20
40
100
0
50
100
-55
80
4N25 fig 1
0
TA – AMBIENT TEMPERATURE – °C
-25
75
125
100
25
50
200
0
50
100
-55
150
4N25 fig 2
1
VF – FORWARD VOLTAGE – V
2.0
3.0
10
5
500
1.0
0
4N25 fig 3
TA = 75°C
0.5
1.5
2.5
2
20
50
100
200
TA = 50°C
TA = 25°C
TA = 0°C
TA = -25°C
* CTR =
x 100%
IC
IF
Electrical Specifications (TA = 25˚C)
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
VF
1.2
1.5
V
IF = 10 mA
Reverse Current
IR
10
µA
VR = 4V
Terminal Capacitance
Ct
50
pF
V = 0, f = 1 KHz
Collector Dark Current
ICEO
50
nA
VCE = 10V, IF = 0
Collector-Emitter Breakdown Voltage
BVCEO
30
V
IC = 0.1 mA, IF = 0
Emitter-Collector Breakdown Voltage
BVECO
7
V
IE = 10 µA, IF = 0
Collector-Base Breakdown Voltage
BVCBO
70
V
IC = 0.1 mA, IF = 0
Collector Current
IC
2
mA
IF = 10 mA
*Current Transfer Ratio
CTR
20
%
VCE = 10V
Collector-Emitter Saturation Voltage
VCE(sat)
0.1
0.5
V
IF = 50 mA, IC = 2 mA
Response Time (Rise)
tr
3
µs
VCE = 10V, IC = 2 mA
Response Time (Fall)
tf
3
µs
RL = 100 Ω
Isolation Resistance
Riso
5 x 1010
1 x 1011
DC 500 V
40 ~ 60% R.H.
Floating Capacitance
Cf
1
pF
V = 0, f = 1 MHz


同様の部品番号 - 4N25-500E

メーカー部品番号データシート部品情報
logo
CT Micro International ...
4N25-G CTMICRO-4N25-G Datasheet
1Mb / 14P
   DC Input 6-Pin Phototransistor Optocoupler
logo
Fairchild Semiconductor
4N25-M FAIRCHILD-4N25-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Lite-On Technology Corp...
4N25-V LITEON-4N25-V Datasheet
757Kb / 5P
   GENERAL PURPOSE TYPE PHOTOCOUPLER
logo
Vishay Siliconix
4N25-X VISHAY-4N25-X Datasheet
166Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.2, 16-Jan-12
4N25-X VISHAY-4N25-X Datasheet
152Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
More results

同様の説明 - 4N25-500E

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
4N35-000E AVAGO-4N35-000E Datasheet
245Kb / 7P
   Phototransistor Optocoupler General Purpose Type
4N35-300E AVAGO-4N35-300E Datasheet
245Kb / 7P
   Phototransistor Optocoupler General Purpose Type
4N35-500E AVAGO-4N35-500E Datasheet
245Kb / 7P
   Phototransistor Optocoupler General Purpose Type
4N25 AVAGO-4N25 Datasheet
228Kb / 7P
   Phototransistor Optocoupler General Purpose Type
4N35 AVAGO-4N35 Datasheet
245Kb / 7P
   Phototransistor Optocoupler General Purpose Type UL approved
logo
Fairchild Semiconductor
H11AG1SM FAIRCHILD-H11AG1SM Datasheet
277Kb / 10P
   Phototransistor Optocoupler
logo
QT Optoelectronics
MCT271 QT-MCT271 Datasheet
455Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
SFH601G-1 SIEMENS-SFH601G-1 Datasheet
157Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
QT Optoelectronics
MCT2 QT-MCT2 Datasheet
550Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
IL74 SIEMENS-IL74 Datasheet
85Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com