データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29LV800BT80FEB データシート(PDF) 11 Page - Advanced Micro Devices

部品番号 AM29LV800BT80FEB
部品情報  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV800BT80FEB データシート(HTML) 11 Page - Advanced Micro Devices

Back Button AM29LV800BT80FEB Datasheet HTML 7Page - Advanced Micro Devices AM29LV800BT80FEB Datasheet HTML 8Page - Advanced Micro Devices AM29LV800BT80FEB Datasheet HTML 9Page - Advanced Micro Devices AM29LV800BT80FEB Datasheet HTML 10Page - Advanced Micro Devices AM29LV800BT80FEB Datasheet HTML 11Page - Advanced Micro Devices AM29LV800BT80FEB Datasheet HTML 12Page - Advanced Micro Devices AM29LV800BT80FEB Datasheet HTML 13Page - Advanced Micro Devices AM29LV800BT80FEB Datasheet HTML 14Page - Advanced Micro Devices AM29LV800BT80FEB Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Am29LV800B
11
P R E L I M I NARY
Table 3.
Am29LV800BB Bottom Boot Block Sector Address Table
Note for Tables 2 and 3: Address range is A18:A-1 in byte mode and A18:A0 in word mode. See “Word/Byte Configuration”
section for more information.
Autoselect Mode
The autoselect mode provides manufacturer and de-
vice identification, and sector protection verification,
through identifier codes output on DQ7–DQ0. This
mode is primarily intended for programming equipment
to automatically match a device to be programmed with
its corresponding programming algorithm. However,
the autoselect codes can also be accessed in-system
through the command register.
When using programming equipment, the autoselect
mode requires VID (11.5 V to 12.5 V) on address pin A9.
Address pins A6, A1, and A0 must be as shown in Table
4. In addition, when verifying sector protection, the sec-
tor address must appear on the appropriate highest
order address bits (see Tables 2 and 3). Table 4 shows
the remaining address bits that are don’t care. When all
necessary bits have been set as required, the program-
ming equipment may then read the corresponding iden-
tifier code on DQ7–DQ0.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in Table 5. This method
does not require VID. See “Command Definitions” for
details on using the autoselect mode.
Sector
A18
A17
A16
A15
A14
A13
A12
Sector Size
(Kbytes/
Kwords)
Address Range (in hexadecimal)
(x8)
Address Range
(x16)
Address Range
SA0
0000
00
X
16/8
00000h–03FFFh
00000h–01FFFh
SA1
0000
010
8/4
04000h–05FFFh
02000h–02FFFh
SA2
0000
011
8/4
06000h–07FFFh
03000h–03FFFh
SA3
0000
1
X
X
32/16
08000h–0FFFFh
04000h–07FFFh
SA4
0001
X
X
X
64/32
10000h–1FFFFh
08000h–0FFFFh
SA5
0010
X
X
X
64/32
20000h–2FFFFh
10000h–17FFFh
SA6
0011
X
X
X
64/32
30000h–3FFFFh
18000h–1FFFFh
SA7
0100
X
X
X
64/32
40000h–4FFFFh
20000h–27FFFh
SA8
0101
X
X
X
64/32
50000h–5FFFFh
28000h–2FFFFh
SA9
0110
X
X
X
64/32
60000h–6FFFFh
30000h–37FFFh
SA10
0111
X
X
X
64/32
70000h–7FFFFh
38000h–3FFFFh
SA11
1000
X
X
X
64/32
80000h–8FFFFh
40000h–47FFFh
SA12
1001
X
X
X
64/32
90000h–9FFFFh
48000h–4FFFFh
SA13
1010
X
X
X
64/32
A0000h–AFFFFh
50000h–57FFFh
SA14
1011
X
X
X
64/32
B0000h–BFFFFh
58000h–5FFFFh
SA15
1100
X
X
X
64/32
C0000h–CFFFFh
60000h–67FFFh
SA16
1101
X
X
X
64/32
D0000h–DFFFFh
68000h–6FFFFh
SA17
1110
X
X
X
64/32
E0000h–EFFFFh
70000h–77FFFh
SA18
1111
X
X
X
64/32
F0000h–FFFFFh
78000h–7FFFFh


同様の部品番号 - AM29LV800BT80FEB

メーカー部品番号データシート部品情報
logo
Advanced Micro Devices
AM29LV800BT-120DG5C AMD-AM29LV800BT-120DG5C Datasheet
80Kb / 9P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
AM29LV800BT-120DG5C1 AMD-AM29LV800BT-120DG5C1 Datasheet
80Kb / 9P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
AM29LV800BT-120DG5I AMD-AM29LV800BT-120DG5I Datasheet
80Kb / 9P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
AM29LV800BT-120DG5I1 AMD-AM29LV800BT-120DG5I1 Datasheet
80Kb / 9P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
AM29LV800BT-120DGC2 AMD-AM29LV800BT-120DGC2 Datasheet
272Kb / 12P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory- Die Revision 2
More results

同様の説明 - AM29LV800BT80FEB

メーカー部品番号データシート部品情報
logo
SPANSION
AM29LV800D SPANSION-AM29LV800D_06 Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800D AMD-AM29LV800D Datasheet
1Mb / 51P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL008J70BFI020 SPANSION-S29AL008J70BFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J70TFI020 SPANSION-S29AL008J70TFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008D SPANSION-S29AL008D_06 Datasheet
1Mb / 56P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B_05 Datasheet
1Mb / 49P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL008D SPANSION-S29AL008D Datasheet
1Mb / 55P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J SPANSION-S29AL008J Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LL800B AMD-AM29LL800B Datasheet
534Kb / 40P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory
AM29F800B AMD-AM29F800B Datasheet
518Kb / 39P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com