データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC4520N データシート(PDF) 3 Page - NXP Semiconductors

部品番号 74HC4520N
部品情報  Dual 4-bit synchronous binary counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4520N データシート(HTML) 3 Page - NXP Semiconductors

  74HC4520N Datasheet HTML 1Page - NXP Semiconductors 74HC4520N Datasheet HTML 2Page - NXP Semiconductors 74HC4520N Datasheet HTML 3Page - NXP Semiconductors 74HC4520N Datasheet HTML 4Page - NXP Semiconductors 74HC4520N Datasheet HTML 5Page - NXP Semiconductors 74HC4520N Datasheet HTML 6Page - NXP Semiconductors 74HC4520N Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
December 1990
3
Philips Semiconductors
Product specification
Dual 4-bit synchronous binary counter
74HC/HCT4520
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
1, 9
1CP0, 2CP0
clock inputs (LOW-to-HIGH, edge-triggered)
2, 10
1CP1, 2CP1
clock inputs (HIGH-to-LOW, edge-triggered)
3, 4, 5, 6
1Q0 to 1Q3
data outputs
7, 15
1MR, 2MR
asynchronous master reset inputs (active HIGH)
8
GND
ground (0 V)
11, 12, 13, 14
2Q0 to 2Q3
data outputs
16
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.


同様の部品番号 - 74HC4520N

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC4520 PHILIPS-74HC4520 Datasheet
55Kb / 7P
   Dual 4-bit synchronous binary counter
December 1990
logo
Nexperia B.V. All right...
74HC4520 NEXPERIA-74HC4520 Datasheet
253Kb / 14P
   Dual 4-bit synchronous binary counter
Rev. 6 - 9 October 2020
74HC4520-Q100 NEXPERIA-74HC4520-Q100 Datasheet
226Kb / 13P
   Dual 4-bit synchronous binary counter
74HC4520-Q100 NEXPERIA-74HC4520-Q100 Datasheet
256Kb / 15P
   Dual 4-bit synchronous binary counter
Rev. 3 - 9 October 2020
logo
NXP Semiconductors
74HC4520D NXP-74HC4520D Datasheet
59Kb / 7P
   Dual 4-bit synchronous binary counter
December 1990
More results

同様の説明 - 74HC4520N

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74HCT4520-Q100 NEXPERIA-74HCT4520-Q100 Datasheet
256Kb / 15P
   Dual 4-bit synchronous binary counter
Rev. 3 - 9 October 2020
74HCT4520 NEXPERIA-74HCT4520 Datasheet
253Kb / 14P
   Dual 4-bit synchronous binary counter
Rev. 6 - 9 October 2020
logo
NXP Semiconductors
74HC4520PW PHILIPS-74HC4520PW Datasheet
59Kb / 7P
   Dual 4-bit synchronous binary counter
December 1990
logo
Nexperia B.V. All right...
74HC4520-Q100 NEXPERIA-74HC4520-Q100 Datasheet
226Kb / 13P
   Dual 4-bit synchronous binary counter
logo
NXP Semiconductors
74HC4520 PHILIPS-74HC4520 Datasheet
55Kb / 7P
   Dual 4-bit synchronous binary counter
December 1990
74HC4520DB PHILIPS-74HC4520DB Datasheet
59Kb / 7P
   Dual 4-bit synchronous binary counter
December 1990
74HC4520D NXP-74HC4520D Datasheet
59Kb / 7P
   Dual 4-bit synchronous binary counter
December 1990
logo
Texas Instruments
SN74F163A TI-SN74F163A Datasheet
124Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
SN74F163A TI-SN74F163A_06 Datasheet
372Kb / 14P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
SN74F161A TI-SN74F161A Datasheet
124Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com