データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4749A データシート(PDF) 4 Page - NXP Semiconductors

部品番号 1N4749A
部品情報  Voltage regulator diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

1N4749A データシート(HTML) 4 Page - NXP Semiconductors

  1N4749A Datasheet HTML 1Page - NXP Semiconductors 1N4749A Datasheet HTML 2Page - NXP Semiconductors 1N4749A Datasheet HTML 3Page - NXP Semiconductors 1N4749A Datasheet HTML 4Page - NXP Semiconductors 1N4749A Datasheet HTML 5Page - NXP Semiconductors 1N4749A Datasheet HTML 6Page - NXP Semiconductors 1N4749A Datasheet HTML 7Page - NXP Semiconductors 1N4749A Datasheet HTML 8Page - NXP Semiconductors 1N4749A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
1N4728A_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 30 October 2009
4 of 10
NXP Semiconductors
1N4728A to 1N4749A
Voltage regulator diodes
[1]
VZ is measured with device at thermal equilibrium while held in clips at 10 mm from body in still air at 25 °C.
[2]
Half square wave or equivalent sine wave pulse 1/120 second duration superimposed on Itest.
Table 8.
Characteristics per type
Tj =25 °C unless otherwise specified.
Type
number
Working
voltage
VZ (V)[1]
Test
current
Itest
(mA)
Differential
resistance
rdif (Ω)
Reverse current
IR (µA)
Working
current
IZ (mA)
Non-repetitive
peak reverse
current
IZSM (mA)[2]
at Itest
at Itest
at IZ
IZ (mA)
Nom
Max
Max
Max
VR (V)
Max
Max
1N4728A
3.3
76
10
400
1
100
1
276
1380
1N4729A
3.6
69
10
400
1
100
1
252
1260
1N4730A
3.9
64
9
400
1
50
1
234
1190
1N4731A
4.3
58
9
400
1
10
1
217
1070
1N4732A
4.7
53
8
500
1
10
1
193
970
1N4733A
5.1
49
7
550
1
10
1
178
890
1N4734A
5.6
45
5
600
1
10
2
162
810
1N4735A
6.2
41
2
700
1
10
3
146
730
1N4736A
6.8
37
3.5
700
1
10
4
133
660
1N4737A
7.5
34
4
700
0.5
10
5
121
605
1N4738A
8.2
31
4.5
700
0.5
10
6
110
550
1N4739A
9.1
28
5
700
0.5
10
7
100
500
1N4740A
10
25
7
700
0.25
10
7.6
91
454
1N4741A
11
23
8
700
0.25
5
8.4
83
414
1N4742A
12
21
9
700
0.25
5
9.1
76
380
1N4743A
13
19
10
700
0.25
5
9.9
69
344
1N4744A
15
17
14
700
0.25
5
11.4
61
304
1N4745A
16
15.5
16
700
0.25
5
12.2
57
285
1N4746A
18
14
20
750
0.25
5
13.7
50
250
1N4747A
20
12.5
22
750
0.25
5
15.2
45
225
1N4748A
22
11.5
23
750
0.25
5
16.7
41
205
1N4749A
24
10.5
25
750
0.25
5
18.2
38
190


同様の部品番号 - 1N4749A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
1N4749A PHILIPS-1N4749A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4749A VISHAY-1N4749A Datasheet
75Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
Renesas Technology Corp
1N4749A RENESAS-1N4749A Datasheet
166Kb / 6P
   Silicon Planar Zener Diodes for Stabilized Power Supply
logo
Yangzhou yangjie electr...
1N4749A YANGJIE-1N4749A Datasheet
160Kb / 3P
   Zener Diodes
logo
List of Unclassifed Man...
1N4749A ETC1-1N4749A Datasheet
56Kb / 2P
   ZENER DIODES
More results

同様の説明 - 1N4749A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com