データシートサーチシステム |
|
74AHC02PW データシート(PDF) 1 Page - NXP Semiconductors |
|
74AHC02PW データシート(HTML) 1 Page - NXP Semiconductors |
1 / 14 page 1. General description The 74AHC02; 74AHCT02 is a high-speed Si-gate CMOS device and is pin compatible with Low-power Schottky TTL (LSTTL). It is specified in compliance with JEDEC standard No. 7-A. The 74AHC02; 74AHCT02 provides a quad 2-input NOR function. 2. Features I Balanced propagation delays I All inputs have a Schmitt-trigger action I Inputs accept voltages higher than VCC I Input levels: N For 74AHC02: CMOS level N For 74AHCT02: TTL level I ESD protection: N HBM EIA/JESD22-A114E exceeds 2000 V N MM EIA/JESD22-A115-A exceeds 200 V N CDM EIA/JESD22-C101C exceeds 1000 V I Multiple package options I Specified from −40 °C to +85 °C and from −40 °C to +125 °C 3. Ordering information 74AHC02; 74AHCT02 Quad 2-input NOR gate Rev. 04 — 21 May 2008 Product data sheet Table 1. Ordering information Type number Package Temperature range Name Description Version 74AHC02 74AHC02D −40 °C to +125 °C SO14 plastic small outline package; 14 leads; body width 3.9 mm SOT108-1 74AHC02PW −40 °C to +125 °C TSSOP14 plastic thin shrink small outline package; 14 leads; body width 4.4 mm SOT402-1 74AHC02BQ −40 °C to +125 °C DHVQFN14 plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 14 terminals; body 2.5 × 3 × 0.85 mm SOT762-1 |
同様の部品番号 - 74AHC02PW |
|
同様の説明 - 74AHC02PW |