データシートサーチシステム |
|
74AUP1G14GW データシート(PDF) 6 Page - NXP Semiconductors |
|
74AUP1G14GW データシート(HTML) 6 Page - NXP Semiconductors |
6 / 24 page 74AUP1G14 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 6 — 28 June 2012 6 of 24 NXP Semiconductors 74AUP1G14 Low-power Schmitt trigger inverter VOL LOW-level output voltage VI = VT+ or VT− IO = 20 μA; VCC = 0.8 V to 3.6 V - - 0.1 V IO = 1.1 mA; VCC = 1.1 V - - 0.3 × VCC V IO = 1.7 mA; VCC = 1.4 V - - 0.37 V IO = 1.9 mA; VCC = 1.65 V - - 0.35 V IO = 2.3 mA; VCC = 2.3 V - - 0.33 V IO = 3.1 mA; VCC = 2.3 V - - 0.45 V IO = 2.7 mA; VCC = 3.0 V - - 0.33 V IO = 4.0 mA; VCC = 3.0 V - - 0.45 V II input leakage current VI = GND to 3.6 V; VCC = 0 V to 3.6 V - - ±0.5 μA IOFF power-off leakage current VI or VO = 0 V to 3.6 V; VCC = 0 V - - ±0.5 μA ΔIOFF additional power-off leakage current VI or VO = 0 V to 3.6 V; VCC =0Vto0.2 V -- ±0.6 μA ICC supply current VI = GND or VCC; IO = 0 A; VCC = 0.8 V to 3.6 V -- 0.9 μA ΔICC additional supply current VI = VCC − 0.6 V; IO = 0 A; VCC =3.3 V -- 50 μA Tamb = −40 °C to +125 °C VOH HIGH-level output voltage VI = VT+ or VT− IO = −20 μA; VCC = 0.8 V to 3.6 V VCC − 0.11 - - V IO = −1.1 mA; VCC = 1.1 V 0.6 × VCC -- V IO = −1.7 mA; VCC = 1.4 V 0.93 - - V IO = −1.9 mA; VCC = 1.65 V 1.17 - - V IO = −2.3 mA; VCC = 2.3 V 1.77 - - V IO = −3.1 mA; VCC = 2.3 V 1.67 - - V IO = −2.7 mA; VCC = 3.0 V 2.40 - - V IO = −4.0 mA; VCC = 3.0 V 2.30 - - V VOL LOW-level output voltage VI = VT+ or VT− IO = 20 μA; VCC = 0.8 V to 3.6 V - - 0.11 V IO = 1.1 mA; VCC = 1.1 V - - 0.33 × VCC V IO = 1.7 mA; VCC = 1.4 V - - 0.41 V IO = 1.9 mA; VCC = 1.65 V - - 0.39 V IO = 2.3 mA; VCC = 2.3 V - - 0.36 V IO = 3.1 mA; VCC = 2.3 V - - 0.50 V IO = 2.7 mA; VCC = 3.0 V - - 0.36 V IO = 4.0 mA; VCC = 3.0 V - - 0.50 V II input leakage current VI = GND to 3.6 V; VCC = 0 V to 3.6 V - - ±0.75 μA IOFF power-off leakage current VI or VO = 0 V to 3.6 V; VCC = 0 V - - ±0.75 μA Table 7. Static characteristics …continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Typ Max Unit |
同様の部品番号 - 74AUP1G14GW |
|
同様の説明 - 74AUP1G14GW |