データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74CBTLV3253PW データシート(PDF) 7 Page - NXP Semiconductors

部品番号 74CBTLV3253PW
部品情報  Dual 1-of-4 multiplexer/demultiplexer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74CBTLV3253PW データシート(HTML) 7 Page - NXP Semiconductors

Back Button 74CBTLV3253PW Datasheet HTML 3Page - NXP Semiconductors 74CBTLV3253PW Datasheet HTML 4Page - NXP Semiconductors 74CBTLV3253PW Datasheet HTML 5Page - NXP Semiconductors 74CBTLV3253PW Datasheet HTML 6Page - NXP Semiconductors 74CBTLV3253PW Datasheet HTML 7Page - NXP Semiconductors 74CBTLV3253PW Datasheet HTML 8Page - NXP Semiconductors 74CBTLV3253PW Datasheet HTML 9Page - NXP Semiconductors 74CBTLV3253PW Datasheet HTML 10Page - NXP Semiconductors 74CBTLV3253PW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
74CBTLV3253
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 15 December 2011
7 of 19
NXP Semiconductors
74CBTLV3253
Dual 1-of-4 multiplexer/demultiplexer
(1) Tamb = 125 C.
(2) Tamb = 85 C.
(3) Tamb = 25 C.
(4) Tamb = 40 C.
(1) Tamb = 125 C.
(2) Tamb = 85 C.
(3) Tamb = 25 C.
(4) Tamb = 40 C.
Fig 9.
ON resistance as a function of input voltage;
VCC = 2.5 V; ISW = 24 mA
Fig 10. ON resistance as a function of input voltage;
VCC = 2.5 V; ISW = 64 mA
VI (V)
0
2.5
2.0
1.0
1.5
0.5
001aai110
7
5
9
11
RON
(
Ω)
3
(1)
(3)
(4)
(2)
VI (V)
0
2.5
2.0
1.0
1.5
0.5
001aai111
7
5
9
11
RON
(
Ω)
3
(1)
(3)
(4)
(2)
(1) Tamb = 125 C.
(2) Tamb = 85 C.
(3) Tamb = 25 C.
(4) Tamb = 40 C.
(1) Tamb = 125 C.
(2) Tamb = 85 C.
(3) Tamb = 25 C.
(4) Tamb = 40 C.
Fig 11. ON resistance as a function of input voltage;
VCC = 3.3 V; ISW = 15 mA
Fig 12. ON resistance as a function of input voltage;
VCC = 3.3 V; ISW = 24 mA
VI (V)
04
3
12
001aai105
4
6
8
RON
(
Ω)
2
(1)
(4)
(2)
(3)
VI (V)
04
3
12
001aai106
4
6
8
RON
(
Ω)
2
(1)
(4)
(2)
(3)


同様の部品番号 - 74CBTLV3253PW

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74CBTLV3253PW NEXPERIA-74CBTLV3253PW Datasheet
326Kb / 18P
   Dual 1-of-4 multiplexer/demultiplexer
Rev. 6 - 24 September 2020
74CBTLV3253PW-Q100 NEXPERIA-74CBTLV3253PW-Q100 Datasheet
893Kb / 19P
   Dual 1-of-4 multiplexer/demultiplexer
logo
Texas Instruments
74CBTLV3253PWRE4 TI-74CBTLV3253PWRE4 Datasheet
897Kb / 19P
[Old version datasheet]   LOW-VOLTAGE DUAL 1-OF-4 FET MULTIP LEXER DEMULTIP LEXER
74CBTLV3253PWRE4 TI1-74CBTLV3253PWRE4 Datasheet
1Mb / 27P
[Old version datasheet]   FET Multiplexer/Demultiplexer
74CBTLV3253PWRG4 TI-74CBTLV3253PWRG4 Datasheet
897Kb / 19P
[Old version datasheet]   LOW-VOLTAGE DUAL 1-OF-4 FET MULTIP LEXER DEMULTIP LEXER
More results

同様の説明 - 74CBTLV3253PW

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74CBTLV3253 PHILIPS-74CBTLV3253_15 Datasheet
174Kb / 19P
   Dual 1-of-4 multiplexer/demultiplexer
Rev. 4-15 December 2011
logo
Nexperia B.V. All right...
74CBTLV3253 NEXPERIA-74CBTLV3253 Datasheet
326Kb / 18P
   Dual 1-of-4 multiplexer/demultiplexer
Rev. 6 - 24 September 2020
74CBTLV3253-Q100 NEXPERIA-74CBTLV3253-Q100 Datasheet
893Kb / 19P
   Dual 1-of-4 multiplexer/demultiplexer
logo
Texas Instruments
74CB3T3253DGVRE4 TI-74CB3T3253DGVRE4 Datasheet
709Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3253FT TOSHIBA-TC7MB3253FT Datasheet
129Kb / 8P
   Dual 1-of-4 FET Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
338Kb / 13P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/ DEMULTIPLEXER
logo
Nexperia B.V. All right...
CBT3253 NEXPERIA-CBT3253 Datasheet
226Kb / 11P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4 - 23 March 2021
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253 Datasheet
571Kb / 14P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253 PHILIPS-CBT3253 Datasheet
98Kb / 12P
   Dual 1-of-4 FET multiplexer/demultiplexer
2002 Nov 04
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253_07 Datasheet
721Kb / 16P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com