データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA0103 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA0103
部品情報  1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA0103 データシート(HTML) 3 Page - Texas Instruments

  TPA0103 Datasheet HTML 1Page - Texas Instruments TPA0103 Datasheet HTML 2Page - Texas Instruments TPA0103 Datasheet HTML 3Page - Texas Instruments TPA0103 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TPA0103
1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
SLOS167A – JULY 1997 – REVISED MARCH 2000
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BYPASS
19
Bypass. BYPASS is a tap to the voltage divider for the internal mid-supply bias.
CIN
6
I
Center channel input
COUT+
10
O
Center channel + output. COUT+ is in an active or high-impedance state unless the device is in a mute state
when the MODE A terminal (14) is high and the MODE B terminal (11) is low.
COUT–
15
O
Center channel – output. COUT– is in an active or high-impedance state unless the device is in a mute state
when the MODE A terminal (14) is high and the MODE B terminal (11) is low.
GND/HS
1, 12,
13, 24
Ground. GND/HS is the ground connection for circuitry, directly connected to thermal pad.
MODE A,
14, 11
I
Mode select. MODE A and MODE B determine the output modes of the TPA0103.
MODE B
TERMINAL
3 CHANNEL
MUTE
CENTER
ONLY
L/R
ONLY
MODE A
L
H
L
H
MODE B
L
L
H
H
HP/LINE
16
I
Input MUX control input, hold high to select (L/R) HPIN (5, 20), hold low to select (L/R) LINEIN (4, 21). HP/LINE
is normally connected to ground when inputs are connected to (L/R) LINEIN.
LHPIN
5
I
Left channel headphone input, selected when the HP/LINE terminal (16) is held high
LLINEIN
4
I
Left channel line input, selected when the HP/LINE terminal (16) is held low
LOUT
3
O
Left channel output. LOUT is active when the MODE A terminal (14) is low and the MODE B terminal (11) is
don’t care.
MUTE OUT
9
O
When the MODE A terminal (14) is high and the MODE B terminal (11) is low, MUTE OUT is high and the device
is in a mute state. Otherwise MUTE OUT is low.
NC
2, 17,
23
No internal connection
RHPIN
20
I
Right channel headphone input, selected when the HP/LINE terminal (16) is held high
RLINEIN
21
I
Right channel line input, selected when the HP/LINE terminal (16) is held low
ROUT
22
O
Right channel output. ROUT is active when the MODE A terminal (14) is low and the MODE B terminal (11)
is don’t care.
SHUTDOWN
8
I
Places entire IC in shutdown mode when held high, IDD = 5 µA
VDD
7, 18
I
Supply voltage input. The VDD terminals must be connected together.


同様の部品番号 - TPA0103

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA0103 TI-TPA0103 Datasheet
744Kb / 38P
[Old version datasheet]   1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
TPA0103 TI-TPA0103 Datasheet
2Mb / 47P
[Old version datasheet]   1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
TPA0103PWP TI-TPA0103PWP Datasheet
744Kb / 38P
[Old version datasheet]   1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
TPA0103PWP TI-TPA0103PWP Datasheet
2Mb / 47P
[Old version datasheet]   1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
TPA0103PWPR TI-TPA0103PWPR Datasheet
2Mb / 47P
[Old version datasheet]   1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA0103

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA0103 TI-TPA0103 Datasheet
744Kb / 38P
[Old version datasheet]   1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
TPA0103 TI-TPA0103_V01 Datasheet
2Mb / 47P
[Old version datasheet]   1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA3011 UTC-PA3011_15 Datasheet
256Kb / 7P
   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED
logo
Texas Instruments
TPA1517 TI-TPA1517_07 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517 Datasheet
352Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_15 Datasheet
674Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA0102 TI1-TPA0102_16 Datasheet
1Mb / 45P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com