データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD4S012DRYR データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPD4S012DRYR
部品情報  4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPD4S012DRYR データシート(HTML) 2 Page - Texas Instruments

  TPD4S012DRYR Datasheet HTML 1Page - Texas Instruments TPD4S012DRYR Datasheet HTML 2Page - Texas Instruments TPD4S012DRYR Datasheet HTML 3Page - Texas Instruments TPD4S012DRYR Datasheet HTML 4Page - Texas Instruments TPD4S012DRYR Datasheet HTML 5Page - Texas Instruments TPD4S012DRYR Datasheet HTML 6Page - Texas Instruments TPD4S012DRYR Datasheet HTML 7Page - Texas Instruments TPD4S012DRYR Datasheet HTML 8Page - Texas Instruments TPD4S012DRYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
V
BUS
D+
D–
ID
GND
PMU/USB
Controller
V
BUS
GND
D+
D–
-
ID
VBUS
D–
ID
GND
Core PMU Chip/
USB Controller
D+
D+
D–
ID
GND
VBUS
VBUS
Core PMU Chip/
USB Controller
C1
A2
B2
C2
B2
A2
A1
B1
C1
TPD4S012
SLVS928A – MARCH 2009 – REVISED NOVEMBER 2009
www.ti.com
ORDERING INFORMATION
ORDERABLE
TOP-SIDE
TA
PACKAGE (1) (2)
NOMINAL DIMENSIONS (mm)
PART NUMBER
MARKING
SON – DRY
Reel of 3000
W = 1.0, L = 1.45, H = 0.55, Pitch = 0.5
TPD4S012DRYR
3B
–40°C to 85°C
WCSP – XXX
Reel of 3000
W = 0.8, L = 1.2, H = 0.5, Pitch = 0.4
TPD4S012XXXR
TBD
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
APPLICATION SCHEMATIC
If the ID pin is not used, it can be left floating.
Board Layout Recommendations
Figure 1. Using DRY Package
Figure 2. Using YFP Package
The TPD4S012 can provide system-level ESD protection to the high-speed differential ports. The flow-through
package offers flexibility for board routing. Figure 1 and Figure 2 show the board layout scheme for the D+ and
D– lines of a single differential pair. It allows the differential signal pairs couple together right after they touch the
ESD ports of the TPD4S012.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPD4S012


同様の部品番号 - TPD4S012DRYR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD4S012DRYR TI-TPD4S012DRYR Datasheet
283Kb / 9P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
TPD4S012DRYR TI-TPD4S012DRYR Datasheet
853Kb / 42P
[Old version datasheet]   Tiva??C Series TM4C1294 Connected LaunchPad Evaluation Kit
More results

同様の説明 - TPD4S012DRYR

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
USB4S012 UTC-USB4S012 Datasheet
146Kb / 4P
   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
logo
Texas Instruments
TPD4S012 TI1-TPD4S012_14 Datasheet
649Kb / 13P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
TPD4S012 TI-TPD4S012 Datasheet
283Kb / 9P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
TPD4S014 TI1-TPD4S014 Datasheet
681Kb / 15P
[Old version datasheet]   COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD
logo
Freescale Semiconductor...
MC13883 FREESCALE-MC13883_10 Datasheet
997Kb / 64P
   Integrated Charger USB Interface
logo
STMicroelectronics
STUSBCD01B STMICROELECTRONICS-STUSBCD01B Datasheet
460Kb / 19P
   USB charger detection interface
logo
Texas Instruments
TPD2EUSB30 TI-TPD2EUSB30_2 Datasheet
1Mb / 15P
[Old version datasheet]   2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30 Datasheet
958Kb / 10P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_1 Datasheet
1Mb / 13P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
logo
Micrel Semiconductor
MIC2555 MICREL-MIC2555 Datasheet
306Kb / 29P
   USB - OTG Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com