データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPIC44L03 データシート(PDF) 11 Page - Texas Instruments

部品番号 TPIC44L03
部品情報  4-CHAMMEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPIC44L03 データシート(HTML) 11 Page - Texas Instruments

Back Button TPIC44L03 Datasheet HTML 7Page - Texas Instruments TPIC44L03 Datasheet HTML 8Page - Texas Instruments TPIC44L03 Datasheet HTML 9Page - Texas Instruments TPIC44L03 Datasheet HTML 10Page - Texas Instruments TPIC44L03 Datasheet HTML 11Page - Texas Instruments TPIC44L03 Datasheet HTML 12Page - Texas Instruments TPIC44L03 Datasheet HTML 13Page - Texas Instruments TPIC44L03 Datasheet HTML 14Page - Texas Instruments TPIC44L03 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
TPIC44L01, TPIC44L02, TPIC44L03
4CHANNEL SERIAL AND PARALLEL LOW SIDE PREFET DRIVER
SLIS062B NOVEMBER 1996 – REVISED AUGUST 2001
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
serial data operation (continued)
Data is shifted out of SDO on the falling edge of SCLK. The MSB of fault data is available after CS is transitioned
low. The remaining 3 bits of fault data are shifted out in the following three clock cycles. Fault data is latched
into the serial register when CS is transitioned low. A fault must be present on the high to low transition of CS
to be captured by the device. The CS input must be transitioned to a high state after the last bit of serial data
has been clocked into the device. The rising edge of CS inhibits SDI, puts SDO into a high-impedance state,
latches the 4 bits of serial data into the output control register, and clears and reenable the serial fault registers
(see Figure 13). When a shorted-load condition occurs with the TPIC44L01 or TPIC44L03, then the controller
must disable and reenable the channel to clear the fault register and FLT. The TPIC44L02 automatically retries
the output and the fault clears after the fault condition has been corrected.
12
3
4
3-State
FLT3
FLT2
FLT1
FLT0
IN3
3-State
SCLK
CS
SDO
Figure 13
parallel input data operation
In addition to the serial interface, the TPIC44L01, TPIC44L02, and TPIC44L03 also provides a parallel interface
to the microcontroller. The output turns on when either the parallel or the serial interface commands it to turn
on. The parallel data terminals are real-time control inputs for the output drivers. SCLK and CS are not required
to transfer parallel input data to the output buffer. Fault data must be read over the serial data bus as described
in the serial data operation section of this data sheet. The parallel input must be transitioned low and then high
to clear and reenable a gate output after it has been disabled due to a shorted-load fault condition.


同様の部品番号 - TPIC44L03

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC44L03 TI-TPIC44L03 Datasheet
268Kb / 20P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC44L03DB TI-TPIC44L03DB Datasheet
268Kb / 20P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
More results

同様の説明 - TPIC44L03

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STPIC44L02 STMICROELECTRONICS-STPIC44L02 Datasheet
438Kb / 21P
   4 CHANNEL SERIAL AND PARALLEL LOW SIDE PRE-FET DRIVER
July 2003
logo
Texas Instruments
TPIC44L01 TI-TPIC44L01 Datasheet
268Kb / 20P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC44H01 TI1-TPIC44H01_15 Datasheet
982Kb / 32P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
TPIC44H01 TI-TPIC44H01 Datasheet
402Kb / 28P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
TPIC46L01 TI-TPIC46L01 Datasheet
255Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC46L02DBRG4 TI1-TPIC46L02DBRG4 Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
logo
Allegro MicroSystems
A3944 ALLEGRO-A3944 Datasheet
601Kb / 31P
   Automotive, Low-Side FET Pre-Driver
A3944KLPTR-T ALLEGRO-A3944KLPTR-T Datasheet
598Kb / 31P
   Automotive, Low-Side FET Pre-Driver
logo
ON Semiconductor
NCV7512 ONSEMI-NCV7512 Datasheet
268Kb / 25P
   FLEXMOS Quad Low-Side Pre-Driver
December, 2008 ??Rev. 2
NCV7520 ONSEMI-NCV7520 Datasheet
460Kb / 38P
   Hex Low-side MOSFET Pre-driver
October, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com