データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HCT595D-Q100 データシート(PDF) 2 Page - NXP Semiconductors

部品番号 74HCT595D-Q100
部品情報  8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT595D-Q100 データシート(HTML) 2 Page - NXP Semiconductors

  74HCT595D-Q100 Datasheet HTML 1Page - NXP Semiconductors 74HCT595D-Q100 Datasheet HTML 2Page - NXP Semiconductors 74HCT595D-Q100 Datasheet HTML 3Page - NXP Semiconductors 74HCT595D-Q100 Datasheet HTML 4Page - NXP Semiconductors 74HCT595D-Q100 Datasheet HTML 5Page - NXP Semiconductors 74HCT595D-Q100 Datasheet HTML 6Page - NXP Semiconductors 74HCT595D-Q100 Datasheet HTML 7Page - NXP Semiconductors 74HCT595D-Q100 Datasheet HTML 8Page - NXP Semiconductors 74HCT595D-Q100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
74HC_HCT595_Q100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 10 April 2013
2 of 23
NXP Semiconductors
74HC595-Q100; 74HCT595-Q100
8-bit serial-in, serial or parallel-out shift register with output latches;
3-state
4.
Ordering information
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range Name
Description
Version
74HC595D-Q100
40 C to +125 C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74HCT595D-Q100
74HC595DB-Q100
40 C to +125 C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
74HCT595DB-Q100
74HC595PW-Q100
40 C to +125 C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
74HCT595PW-Q100
74HC595BQ-Q100
40 C to +125 C
DHVQFN16
plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads;
16 terminals; body 2.5
 3.5  0.85 mm
SOT763-1
74HCT595BQ-Q100
Fig 1.
Functional diagram
mna554
3-STATE OUTPUTS
8-BIT STORAGE REGISTER
8-STAGE SHIFT REGISTER
Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7
Q
7S
14
15
1
234567
9
DS
SH
CP
ST
CP
OE
11
10
12
13
MR


同様の部品番号 - 74HCT595D-Q100

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74HCT595D-Q100 NEXPERIA-74HCT595D-Q100 Datasheet
287Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
74HCT595D-Q100 NEXPERIA-74HCT595D-Q100 Datasheet
300Kb / 20P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 4 - 11 March 2020
More results

同様の説明 - 74HCT595D-Q100

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC595 PHILIPS-74AHC595 Datasheet
103Kb / 20P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2000 Mar 15
74LV595 PHILIPS-74LV595 Datasheet
137Kb / 16P
   8-bit serial-in/serial or parallel-out shift register with output latches 3-State
1998 Apr 20
74HC595 PHILIPS-74HC595 Datasheet
140Kb / 28P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
74HC595D.118 NXP-74HC595D.118 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HC595-Q100 NEXPERIA-74HC595-Q100 Datasheet
287Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
logo
NXP Semiconductors
74HC595PW-T NXP-74HC595PW-T Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595BQ115 NXP-74HC595BQ115 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HCT595-Q100 NEXPERIA-74HCT595-Q100 Datasheet
300Kb / 20P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 4 - 11 March 2020
74HC595 NEXPERIA-74HC595 Datasheet
327Kb / 21P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 11 - 10 September 2021
logo
NXP Semiconductors
74HC_HCT595 PHILIPS-74HC_HCT595_15 Datasheet
256Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 7-26 January 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com