データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPIC6259 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPIC6259
部品情報  POWER LOGIC 8-BIT ADDRESSABLE LATCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPIC6259 データシート(HTML) 5 Page - Texas Instruments

  TPIC6259 Datasheet HTML 1Page - Texas Instruments TPIC6259 Datasheet HTML 2Page - Texas Instruments TPIC6259 Datasheet HTML 3Page - Texas Instruments TPIC6259 Datasheet HTML 4Page - Texas Instruments TPIC6259 Datasheet HTML 5Page - Texas Instruments TPIC6259 Datasheet HTML 6Page - Texas Instruments TPIC6259 Datasheet HTML 7Page - Texas Instruments TPIC6259 Datasheet HTML 8Page - Texas Instruments TPIC6259 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TPIC6259
POWER LOGIC 8-BIT ADDRESSABLE LATCH
SLIS009A – APRIL 1992 – REVISED SEPTEMBER 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
recommended operating conditions over recommended operating temperature range (unless
otherwise noted)
MIN
MAX
UNIT
Logic supply voltage, VCC
4.5
5.5
V
High-level input voltage, VIH
0.85 VCC
V
Low-level input voltage, VIL
0.15 VCC
V
Pulsed drain output current, TC = 25°C, VCC = 5 V (see Notes 3 and 5)
– 1.8
1.5
A
Setup time, D high before G
↑, tsu (see Figure 2)
10
ns
Hold time, D high after G
↑, th (see Figure 2)
5
ns
Pulse duration, tw (see Figure 2)
15
ns
Operating case temperature, TC
– 40
125
°C
electrical characteristics, VCC = 5 V, TC = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSX Drain-source breakdown voltage
ID = 1 mA
45
V
VSD
Source-drain diode forward voltage
IF = 250 mA,
See Note 3
0.85
1
V
IIH
High-level input current
VCC = 5.5 V,
VI = VCC
1
µA
IIL
Low-level input current
VCC = 5.5 V,
VI = 0
– 1
µA
ICC
Logic supply current
IO = 0,
All inputs low
15
100
µA
IN
Nominal current
VDS(on) = 0.5 V, IN = ID,
TC = 85°C,
See Notes 5, 6, and 7
250
mA
IDSX
Off state drain current
VDS = 40 V
0.05
1
µA
IDSX
Off-state drain current
VDS = 40 V,
TC = 125°C
0.15
5
µA
ID = 250 mA,
VCC = 4.5 V
1.3
2
rDS(on)
Static drain-source on-state
resistance
ID = 250 mA,
TC = 125°C,
VCC = 4.5 V
See Notes 5 and 6
and Figures 8 and 9
2
3.2
ID = 500 mA,
VCC = 4.5 V
1.3
2
switching characteristics, VCC = 5 V, TC = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH Propagation delay time, low-to-high-level output from D
625
ns
tPHL Propagation delay time, high-to-low-level output from D CL = 30 pF,
ID = 250 mA,
140
ns
tr
Rise time, drain output
L
,
D
,
See Figures 1, 2, and 10
650
ns
tf
Fall time, drain output
400
ns
ta
Reverse-recovery-current rise time
IF = 250 mA,
di/dt = 20 A/
µs,
100
ns
trr
Reverse-recovery time
F
µ
See Notes 5 and 6 and Figure 3
300
ns
NOTES:
3. Pulse duration
≤ 100 µs, duty cycle ≤ 2%
5. Technique should limit TJ – TC to 10°C maximum.
6. These parameters are measured with voltage-sensing contacts separate from the current-carrying contacts.
7. Nominal current is defined for a consistent comparison between devices from different sources. It is the current that produces a
voltage drop of 0.5 V at TC = 85°C.
thermal resistance
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
R
θJA
Thermal resistance junction to ambient
DW package
All 8 outputs with equal power
111
°C/W
R
θJA
Thermal resistance junction-to-ambient
N package
All 8 outputs with equal power
108
°C/W


同様の部品番号 - TPIC6259

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC6259 TI-TPIC6259 Datasheet
165Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6259DW TI-TPIC6259DW Datasheet
165Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6259N TI-TPIC6259N Datasheet
165Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
More results

同様の説明 - TPIC6259

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC6A259 TI-TPIC6A259 Datasheet
180Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6A259 TI1-TPIC6A259_12 Datasheet
246Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
logo
STMicroelectronics
STPIC6A259 STMICROELECTRONICS-STPIC6A259 Datasheet
387Kb / 13P
   POWER LOGIC 8-BIT ADDRESSABLE LATCH
March 2001
logo
Texas Instruments
TPIC6B259 TI-TPIC6B259 Datasheet
159Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6259 TI-TPIC6259 Datasheet
165Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6B259 TI1-TPIC6B259_16 Datasheet
1Mb / 19P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com