データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVC1G157GW データシート(PDF) 6 Page - NXP Semiconductors

部品番号 74LVC1G157GW
部品情報  Single 2-input multiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G157GW データシート(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC1G157GW Datasheet HTML 2Page - NXP Semiconductors 74LVC1G157GW Datasheet HTML 3Page - NXP Semiconductors 74LVC1G157GW Datasheet HTML 4Page - NXP Semiconductors 74LVC1G157GW Datasheet HTML 5Page - NXP Semiconductors 74LVC1G157GW Datasheet HTML 6Page - NXP Semiconductors 74LVC1G157GW Datasheet HTML 7Page - NXP Semiconductors 74LVC1G157GW Datasheet HTML 8Page - NXP Semiconductors 74LVC1G157GW Datasheet HTML 9Page - NXP Semiconductors 74LVC1G157GW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
74LVC1G157
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 31 December 2012
6 of 18
NXP Semiconductors
74LVC1G157
Single 2-input multiplexer
[1]
All typical values are measured at Tamb =25 C.
11. Dynamic characteristics
[1]
Typical values are measured at Tamb =25 C and VCC = 1.8 V, 2.5 V, 2.7 V, 3.3 V and 5.0 V respectively.
[2]
tpd is the same as tPLH and tPHL.
[3]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of the outputs.
IOFF
power-off
leakage
current
VCC = 0 V; VI or VO =5.5 V
-
0.1
10
-
20
A
ICC
supply current
VI = 5.5 V or GND; IO = 0 A;
VCC =1.65Vto5.5 V
-0.1
10
-
40
A
I
CC
additional
supply current
per pin; VCC = 2.3 V to 5.5 V;
VI =VCC  0.6 V; IO =0 A
-
5
500
-
5000
A
CI
input
capacitance
VCC = 3.3 V; VI = GND to VCC
-2.5
-
-
-
pF
Table 7.
Static characteristics …continued
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for load circuit see Figure 9.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
I0, I1 to Y; see Figure 8
[2]
VCC = 1.65 V to 1.95 V
1.5
4.3
11.0
1.5
13.0
ns
VCC = 2.3 V to 2.7 V
1.0
2.9
6.1
1.0
7.6
ns
VCC = 2.7 V
1.0
3.1
5.6
1.0
7.0
ns
VCC = 3.0 V to 3.6 V
1.0
2.7
5.0
1.0
6.3
ns
VCC = 4.5 V to 5.5 V
0.5
2.2
4.0
0.5
5.0
ns
S to Y; see Figure 8
[2]
VCC = 1.65 V to 1.95 V
1.5
4.3
11.0
1.5
13.0
ns
VCC = 2.3 V to 2.7 V
1.0
2.9
6.9
1.0
8.6
ns
VCC = 2.7 V
1.0
3.3
5.9
1.0
7.4
ns
VCC = 3.0 V to 3.6 V
1.0
2.9
5.0
1.0
6.3
ns
VCC = 4.5 V to 5.5 V
0.5
2.3
4.0
0.5
5.0
ns
CPD
power dissipation
capacitance
VI = GND to VCC; VCC = 3.3 V
[3]
-18-
-
-
pF


同様の部品番号 - 74LVC1G157GW

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC1G157GW NXP-74LVC1G157GW Datasheet
80Kb / 15P
   Single 2-input multiplexer
Rev. 03 - 12 July 2007
74LVC1G157GW NXP-74LVC1G157GW Datasheet
196Kb / 18P
   Single 2-input multiplexer
Rev. 6-31 December 2012
logo
Nexperia B.V. All right...
74LVC1G157GW NEXPERIA-74LVC1G157GW Datasheet
241Kb / 1P
   Single 2-input multiplexer
Rev. 11 - 27 January 2022
logo
NXP Semiconductors
74LVC1G157GW-G NXP-74LVC1G157GW-G Datasheet
196Kb / 18P
   Single 2-input multiplexer
Rev. 6-31 December 2012
logo
Nexperia B.V. All right...
74LVC1G157GW-Q100 NEXPERIA-74LVC1G157GW-Q100 Datasheet
200Kb / 12P
   Single 2-input multiplexer
More results

同様の説明 - 74LVC1G157GW

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC1G157 NXP-74LVC1G157 Datasheet
80Kb / 15P
   Single 2-input multiplexer
Rev. 03 - 12 July 2007
74LVC1G157GW-G NXP-74LVC1G157GW-G Datasheet
196Kb / 18P
   Single 2-input multiplexer
Rev. 6-31 December 2012
logo
Nexperia B.V. All right...
74LVC1G157 NEXPERIA-74LVC1G157 Datasheet
241Kb / 1P
   Single 2-input multiplexer
Rev. 11 - 27 January 2022
logo
Unisonic Technologies
U74LVC1G158 UTC-U74LVC1G158 Datasheet
163Kb / 5P
   SINGLE 2-INPUT MULTIPLEXER
logo
Nexperia B.V. All right...
74AXP1G157 NEXPERIA-74AXP1G157 Datasheet
811Kb / 16P
   Single 2-input multiplexer
74LVC1G157-Q100 NEXPERIA-74LVC1G157-Q100 Datasheet
200Kb / 12P
   Single 2-input multiplexer
logo
National Semiconductor ...
MM54HCT157 NSC-MM54HCT157 Datasheet
141Kb / 6P
   2-Input Multiplexer , Quad 2-Input Multiplexer (Inverted Output)
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com