データシートサーチシステム |
|
74LVC2G00DC データシート(PDF) 4 Page - NXP Semiconductors |
|
74LVC2G00DC データシート(HTML) 4 Page - NXP Semiconductors |
4 / 20 page 74LVC2G00 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 12 — 8 April 2013 4 of 20 NXP Semiconductors 74LVC2G00 Dual 2-input NAND gate 6.2 Pin description 7. Functional description [1] H = HIGH voltage level; L = LOW voltage level. 8. Limiting values [1] The input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] When VCC = 0 V (Power-down mode), the output voltage can be 5.5 V in normal operation. [3] For TSSOP8 package: above 55 C the value of P tot derates linearly with 2.5 mW/K. For VSSOP8 package: above 110 C the value of P tot derates linearly with 8 mW/K. For XSON8 and XQFN8 packages: above 118 C the value of P tot derates linearly with 7.8 mW/K. Table 3. Pin description Symbol Pin Description SOT505-2, SOT765-1, SOT833-1, SOT1089, SOT996-2, SOT1116 and SOT1203 SOT902-2 1A, 2A 1, 5 7, 3 data input 1B, 2B 2, 6 6, 2 data input GND 4 4 ground (0 V) 1Y, 2Y 7, 3 1, 5 data output VCC 8 8 supply voltage Table 4. Function table[1] Input Output nA nB nY LLH LH H HL H HHL Table 5. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Max Unit VCC supply voltage 0.5 +6.5 V VI input voltage [1] 0.5 +6.5 V VO output voltage Active mode [1] 0.5 VCC + 0.5 V Power-down mode [1][2] 0.5 +6.5 V IIK input clamping current VI <0V 50 - mA IOK output clamping current VO <0V or VO >VCC - 50 mA IO output current VO =0VtoVCC - 50 mA ICC supply current - 100 mA IGND ground current 100 - mA Tstg storage temperature 65 +150 C Ptot total power dissipation Tamb = 40 C to +125 C [3] - 300 mW |
同様の部品番号 - 74LVC2G00DC |
|
同様の説明 - 74LVC2G00DC |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |