データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCP53 データシート(PDF) 3 Page - NXP Semiconductors

部品番号 BCP53
部品情報  80 V, 1 A PNP medium power transistors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP53 データシート(HTML) 3 Page - NXP Semiconductors

  BCP53 Datasheet HTML 1Page - NXP Semiconductors BCP53 Datasheet HTML 2Page - NXP Semiconductors BCP53 Datasheet HTML 3Page - NXP Semiconductors BCP53 Datasheet HTML 4Page - NXP Semiconductors BCP53 Datasheet HTML 5Page - NXP Semiconductors BCP53 Datasheet HTML 6Page - NXP Semiconductors BCP53 Datasheet HTML 7Page - NXP Semiconductors BCP53 Datasheet HTML 8Page - NXP Semiconductors BCP53 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
BCP53_BCX53_BC53PA
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 9 — 19 October 2011
3 of 22
NXP Semiconductors
BCP53; BCX53; BC53PA
80 V, 1 A PNP medium power transistors
3.
Ordering information
[1]
Valid for all available selection groups.
4.
Marking
Table 4.
Ordering information
Type number[1]
Package
Name
Description
Version
BCP53
SC-73
plastic surface-mounted package with increased
heatsink; 4 leads
SOT223
BCX53
SC-62
plastic surface-mounted package; exposed die pad for
good heat transfer; 3 leads
SOT89
BC53PA
HUSON3 plastic thermal enhanced ultra thin small outline
package; no leads; 3 terminals; body 2
 2  0.65 mm
SOT1061
Table 5.
Marking codes
Type number
Marking code
BCP53
BCP53
BCP53-10
BCP53/10
BCP53-16
BCP53/16
BCX53
AH
BCX53-10
AK
BCX53-16
AL
BC53PA
BV
BC53-10PA
BW
BC53-16PA
BX


同様の部品番号 - BCP53

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BCP53 PHILIPS-BCP53 Datasheet
44Kb / 8P
   PNP medium power transistors
1999 Apr 08
logo
SeCoS Halbleitertechnol...
BCP53 SECOS-BCP53 Datasheet
303Kb / 2P
   PNP Silicon Medium Power Transistor
logo
ON Semiconductor
BCP53 ONSEMI-BCP53 Datasheet
76Kb / 5P
   PNP Silicon Epitaxial Transistors
December, 2015 ??Rev. 12
logo
STMicroelectronics
BCP53 STMICROELECTRONICS-BCP53 Datasheet
71Kb / 4P
   MEDIUM POWER AMPLIFIER
October 1997
logo
Diodes Incorporated
BCP53 DIODES-BCP53 Datasheet
116Kb / 7P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
More results

同様の説明 - BCP53

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
BCP53H_SER NEXPERIA-BCP53H_SER Datasheet
1Mb / 16P
   80 V, 1 A PNP medium power transistors
Rev. 1 - 21 July 2017
BCP53T NEXPERIA-BCP53T Datasheet
274Kb / 14P
   80 V, 1 A PNP medium power transistors
BCP53H-Q_SER NEXPERIA-BCP53H-Q_SER Datasheet
275Kb / 14P
   80 V, 1 A PNP medium power transistors
Rev. 2 - 29 March 2023
logo
NXP Semiconductors
BCP53 NXP-BCP53_13 Datasheet
1Mb / 22P
   80 V, 1 A PNP medium power transistors
Rev. 9-19 October 2011
logo
Nexperia B.V. All right...
BCP53H NEXPERIA-BCP53H Datasheet
1Mb / 16P
   80 V, 1 A PNP medium power transistors
BCP53T_SER NEXPERIA-BCP53T_SER Datasheet
274Kb / 14P
   80 V, 1 A PNP medium power transistors
Rev. 2 - 29 April 2019
BCP53 NEXPERIA-BCP53 Datasheet
1Mb / 22P
   80 V, 1 A PNP medium power transistors
Rev. 9 - 19 October 2011
logo
NXP Semiconductors
BCP53 PHILIPS-BCP53_15 Datasheet
1Mb / 22P
   80 V, 1 A PNP medium power transistors
Rev. 9-19 October 2011
BCP53-16 NXP-BCP53-16 Datasheet
1Mb / 22P
   80 V, 1 A PNP medium power transistors
Rev. 9-19 October 2011
BC640 NXP-BC640 Datasheet
143Kb / 15P
   80 V, 1 A PNP medium power transistors
Rev. 08-22 February 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com