データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST16C654DIQ64 データシート(PDF) 11 Page - Exar Corporation

部品番号 ST16C654DIQ64
部品情報  2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXAR [Exar Corporation]
ホームページ  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C654DIQ64 データシート(HTML) 11 Page - Exar Corporation

Back Button ST16C654DIQ64 Datasheet HTML 7Page - Exar Corporation ST16C654DIQ64 Datasheet HTML 8Page - Exar Corporation ST16C654DIQ64 Datasheet HTML 9Page - Exar Corporation ST16C654DIQ64 Datasheet HTML 10Page - Exar Corporation ST16C654DIQ64 Datasheet HTML 11Page - Exar Corporation ST16C654DIQ64 Datasheet HTML 12Page - Exar Corporation ST16C654DIQ64 Datasheet HTML 13Page - Exar Corporation ST16C654DIQ64 Datasheet HTML 14Page - Exar Corporation ST16C654DIQ64 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
xr
ST16C654/654D
REV. 5.0.2
2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
11
2.4
Channels A-D Internal Registers
Each UART channel in the 654 has a set of enhanced registers for control, monitoring and data loading and
unloading. The configuration register set is compatible to those already available in the standard single
16C550. These registers function as data holding registers (THR/RHR), interrupt status and control registers
(ISR/IER), a FIFO control register (FCR), receive line status and control registers (LSR/LCR), modem status
and control registers (MSR/MCR), programmable data rate (clock) divisor registers (DLL/DLM), and a user
accessible scratchpad register (SPR).
Beyond the general 16C550 features and capabilities, the 654 offers enhanced feature registers (EFR, Xon/
Xoff 1, Xon/Xoff 2, FSTAT) that provide automatic RTS and CTS hardware flow control and automatic Xon/Xoff
software flow control. All the register functions are discussed in full detail later in “Section 3.0, UART
INTERNAL REGISTERS” on page 22.
2.5
INT Ouputs for Channels A-D
The interrupt outputs change according to the operating mode and enhanced features setup. Table 3 and 4
summarize the operating behavior for the transmitter and receiver. Also see Figure 20 through 25.
2.6
DMA Mode
The device does not support direct memory access. The DMA Mode (a legacy term) in this document does not
mean “direct memory access” but refers to data block transfer operation. The DMA mode affects the state of
the RXRDY# A-D and TXRDY# A-D output pins. The transmit and receive FIFO trigger levels provide
additional flexibility to the user for block mode operation. The LSR bits 5-6 provide an indication when the
transmitter is empty or has an empty location(s) for more data. The user can optionally operate the transmit
and receive FIFO in the DMA mode (FCR bit-3=1). When the transmit and receive FIFOs are enabled and the
DMA mode is disabled (FCR bit-3 = 0), the 654 is placed in single-character mode for data transmit or receive
operation. When DMA mode is enabled (FCR bit-3 = 1), the user takes advantage of block mode operation by
loading or unloading the FIFO in a block sequence determined by the programmed trigger level. The following
table show their behavior. Also see Figure 20 through 25.
TABLE 3: INT PINS OPERATION FOR TRANSMITTER FOR CHANNELS A-D
FCR BIT-0 = 0
(FIFO DISABLED)
FCR BIT-0 = 1 (FIFO ENABLED)
FCR Bit-3 = 0
(DMA Mode Disabled)
FCR Bit-3 = 1
(DMA Mode Enabled)
INT Pin
0 = a byte in THR
1 = THR empty
0 = FIFO above trigger level
1 = FIFO below trigger level or FIFO
empty
0 = FIFO above trigger level
1 = FIFO below trigger level or FIFO
empty
TABLE 4: INT PIN OPERATION FOR RECEIVER FOR CHANNELS A-D
FCR BIT-0 = 0
(FIFO DISABLED)
FCR BIT-0 = 1 (FIFO ENABLED)
FCR Bit-3 = 0
(DMA Mode Disabled)
FCR Bit-3 = 1
(DMA Mode Enabled)
INT Pin
0 = no data
1 = 1 byte
0 = FIFO below trigger level
1 = FIFO above trigger level
0 = FIFO below trigger level
1 = FIFO above trigger level


同様の部品番号 - ST16C654DIQ64

メーカー部品番号データシート部品情報
logo
Exar Corporation
ST16C654DIQ64 EXAR-ST16C654DIQ64 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
ST16C654DIQ64 EXAR-ST16C654DIQ64 Datasheet
444Kb / 49P
   QUAD UART WITH 64-BYTE FIFO AND INFRARED (IrDA) ENCODER/DECODER
More results

同様の説明 - ST16C654DIQ64

メーカー部品番号データシート部品情報
logo
Exar Corporation
ST16C654 EXAR-ST16C654 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
XR16C864IQ-F EXAR-XR16C864IQ-F Datasheet
440Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C854D EXAR-XR16C854D Datasheet
689Kb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com