データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST16C654CQ100 データシート(PDF) 10 Page - Exar Corporation

部品番号 ST16C654CQ100
部品情報  2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXAR [Exar Corporation]
ホームページ  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C654CQ100 データシート(HTML) 10 Page - Exar Corporation

Back Button ST16C654CQ100 Datasheet HTML 6Page - Exar Corporation ST16C654CQ100 Datasheet HTML 7Page - Exar Corporation ST16C654CQ100 Datasheet HTML 8Page - Exar Corporation ST16C654CQ100 Datasheet HTML 9Page - Exar Corporation ST16C654CQ100 Datasheet HTML 10Page - Exar Corporation ST16C654CQ100 Datasheet HTML 11Page - Exar Corporation ST16C654CQ100 Datasheet HTML 12Page - Exar Corporation ST16C654CQ100 Datasheet HTML 13Page - Exar Corporation ST16C654CQ100 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
ST16C654/654D
xr
2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
REV. 5.0.2
10
2.2
Device Reset
The RESET input resets the internal registers and the serial interface outputs in both channels to their default
state (see Table 16). An active high pulse of longer than 40 ns duration will be required to activate the reset
function in the device. Following a power-on reset or an external reset, the 654 is software compatible with
previous generation of UARTs, 16C454 and 16C554.
2.3
Channel Selection
The UART provides the user with the capability to bi-directionally transfer information between an external
CPU and an external serial communication device. During Intel Bus Mode (16/68# pin is connected to VCC), a
logic 0 on chip select pins, CSA#, CSB#, CSC# or CSD# allows the user to select UART channel A, B, C or D
to configure, send transmit data and/or unload receive data to/from the UART. Selecting all four UARTs can be
useful during power up initialization to write to the same internal registers, but do not attempt to read from all
four uarts simultaneously. Individual channel select functions are shown in Table 1.
During Motorola Bus Mode (16/68# pin is connected to GND), the package interface pins are configured for
connection with Motorola, and other popular microprocessor bus types. In this mode the 654 decodes two
additional addresses, A3 and A4, to select one of the four UART ports. The A3 and A4 address decode
function is used only when in the Motorola Bus Mode. See Table 2.
TABLE 1: CHANNEL A-D SELECT IN 16 MODE
CSA
#
CSB
#
CSC
#
CSD
#
FUNCTION
1
1
1
1
UART de-selected
0
1
1
1
Channel A selected
1
0
1
1
Channel B selected
1
1
0
1
Channel C selected
1
1
1
0
Channel D selected
0
0
0
0
Channels A-D selected
TABLE 2: CHANNEL A-D SELECT IN 68 MODE
CS#
A4
A3
FUNCTION
1
N/A
N/A
UART de-selected
0
0
0
Channel A selected
0
0
1
Channel B selected
0
1
0
Channel C selected
0
1
1
Channel D selected


同様の部品番号 - ST16C654CQ100

メーカー部品番号データシート部品情報
logo
Exar Corporation
ST16C654CQ100 EXAR-ST16C654CQ100 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
ST16C654CQ100 EXAR-ST16C654CQ100 Datasheet
444Kb / 49P
   QUAD UART WITH 64-BYTE FIFO AND INFRARED (IrDA) ENCODER/DECODER
More results

同様の説明 - ST16C654CQ100

メーカー部品番号データシート部品情報
logo
Exar Corporation
ST16C654 EXAR-ST16C654 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
XR16C864IQ-F EXAR-XR16C864IQ-F Datasheet
440Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C854D EXAR-XR16C854D Datasheet
689Kb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com