データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-4719 データシート(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-4719
部品情報  Telecommunications indicators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-4719 データシート(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-4719 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-4719 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-4719 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-4719 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-4719 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-4719 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-4719 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-4719 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-4719 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Description
These tinted diffused LED lamps are designed and opti-
mized specifically for low DC current operation. Luminous
intensity and forward voltage are tested at 2 mA to assure
consistent brightness at TTL output current levels.
Applications
•  Low power DC circuits
•  Telecommunications indicators
•  Portable equipment
•  Keyboard indicators
Package Dimensions
HLMP-4700, HLMP-4719, HLMP-4740
HLMP-1700, HLMP-1719, HLMP-1790
T-13/4(5 mm),T-1 (3 mm), Low Current LED Lamps
Data Sheet
Features
•  Low power
•  High efficiency
•  CMOS-MOS compatible
•  TTL compatible
•  Wide viewing angle
•  Choice of package styles
•  Choice of colors
A - HLMP-4700, -4719, -4740
B - HLMP-1700, -1719, -1790
Notes:
1. All dimensions are in mm (inches).
2. An epoxy meniscus may extend about 1 mm (0.040") down the leads.
3. For PCB hole recommendations, see the Precautions section.
25.40 (1.00)
MIN.
2.54 (0.100) NOM.
0.55 (0.022)
0.40 (0.016)
6.10 (0.240)
5.59 (0.220)
1.27(0.050)
NOM.
0.89 (0.035)
0.64 (0.025)
5.08 (0.200)
4.57 (0.180)
9.19 (0.362)
8.43 (0.332)
SQUARE TYP.
CATHODE
0.65 (0.026) MAX.
0.65 (0.026) MAX.
24.1 (.95) MIN.
4.70 (.185)
4.19 (.165)
3.43 (.135)
2.92 (.115)
1.52 (.060)
1.02 (.040)
2.79 (.110)
2.29 (.090)
1.14 (.045)
0.51 (.020)
(0.022) 0.55
(0.016) 0.40
SQUARE TYP.
3.17 (.125)
2.67 (.105)
6.35 (.250)
5.58 (.220)
CATHODE


同様の部品番号 - HLMP-4719

メーカー部品番号データシート部品情報
logo
QT Optoelectronics
HLMP-4719 QT-HLMP-4719 Datasheet
183Kb / 2P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-4719 HP-HLMP-4719 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Fairchild Semiconductor
HLMP-4719 FAIRCHILD-HLMP-4719 Datasheet
164Kb / 3P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4719 AVAGO-HLMP-4719 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps High efficiency
HLMP-4719 AVAGO-HLMP-4719 Datasheet
294Kb / 10P
   Telecommunications indicators
More results

同様の説明 - HLMP-4719

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1719-A00A2 AVAGO-HLMP-1719-A00A2 Datasheet
294Kb / 10P
   Telecommunications indicators
logo
Copal Electronics
PZ-30 COPAL-PZ-30_16 Datasheet
139Kb / 7P
   PRESSURE INDICATORS
logo
Omron Electronics LLC
K3HB OMRON-K3HB Datasheet
1Mb / 32P
   Digital Indicators
logo
OSRAM GmbH
LSYT67B OSRAM-LSYT67B Datasheet
429Kb / 15P
   optical indicators
LSYT676-P2R1-1-Q2S1-35 OSRAM-LSYT676-P2R1-1-Q2S1-35 Datasheet
398Kb / 17P
   optical indicators
LOGT77K OSRAM-LOGT77K Datasheet
519Kb / 16P
   optical indicators
logo
Copal Electronics
PZ-200 COPAL-PZ-200_16 Datasheet
91Kb / 4P
   PRESSURE INDICATORS
logo
QT Optoelectronics
MV53173 QT-MV53173 Datasheet
309Kb / 3P
   PANEL INDICATORS
logo
Carling Technologies
LP1HRR5-9AAY2-1DU CARLINGTECH-LP1HRR5-9AAY2-1DU Datasheet
751Kb / 6P
   Illuminated Indicators
logo
OSRAM GmbH
LSYT676 OSRAM-LSYT676 Datasheet
398Kb / 17P
   optical indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com