データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-1301-G00FG データシート(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-1301-G00FG
部品情報  Product Obsolescence Notification
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-1301-G00FG データシート(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-1301-G00FG Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-1301-G00FG Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-1301-G00FG Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-1301-G00FG Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-1301-G00FG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-1301-G00FG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Page 1 of 6
Product Obsolescence Notification
Issue Date: 15th January 2013
OBS011513OPD1
Dear Customer,
Avago Technologies regrets to announce the obsolescence of a list of products, which are segregated into the following
categories:-
Category 1: No Last Time Buy (LTB)
Category 2: 3 Months LTB
Category 3: 6 Months LTB
Part numbers are listed in the Appendix. Please note that orders for products from Category 2-3 will be accepted on a non-
cancelable, non-returnable basis only. Avago Technologies reserves the right to limit last time buy quantities based on
capacity and material availability.
You are strongly encouraged to switch to the recommended replacement parts stated above and Avago Technologies is
willing to provide free samples of these parts for customer evaluation. Please take note that the recommended replacement
parts may or may not be drop-in replacement; they may be the closest replacement available.
If you have any questions about this obsolescence, please do not hesitate to contact your local Avago Technologies sales
representative or authorized distributors.
Optoelectronic Products Division
Avago Technologies
_________________________________________________________________________________________________________________________
Please contact your Avago Technologies field sales engineer or Contact Center (http://www.avagotech.com/contact/) for any questions
or support requirements.


同様の部品番号 - HLMP-1301-G00FG

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HLMP-1301-G00FG HP-HLMP-1301-G00FG Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
More results

同様の説明 - HLMP-1301-G00FG

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV320AIC12 TI-TLV320AIC12 Datasheet
330Kb / 50P
[Old version datasheet]   PRODUCT NOTIFICATION
logo
Aavid, Thermal Division...
371924B00032G AAVID-371924B00032G Datasheet
39Kb / 2P
   Product Change Notification
374324B00032 AAVID-374324B00032 Datasheet
55Kb / 2P
   Product Change Notification
4804_REV_D-G AAVID-4804_REV_D-G Datasheet
55Kb / 2P
   Product Change Notification
4880SG AAVID-4880SG Datasheet
38Kb / 2P
   Product Change Notification
7717-15NG AAVID-7717-15NG Datasheet
55Kb / 2P
   Product Change Notification
7717-18DAPG AAVID-7717-18DAPG Datasheet
55Kb / 2P
   Product Change Notification
7717-18NG AAVID-7717-18NG Datasheet
55Kb / 2P
   Product Change Notification
7717-108DAPG AAVID-7717-108DAPG Datasheet
55Kb / 2P
   Product Change Notification
7717-86DAPG AAVID-7717-86DAPG Datasheet
55Kb / 2P
   Product Change Notification
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com