データシートサーチシステム |
|
BCX54 データシート(PDF) 4 Page - NXP Semiconductors |
|
BCX54 データシート(HTML) 4 Page - NXP Semiconductors |
4 / 15 page BC635_BCP54_BCX54_7 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 07 — 4 June 2007 4 of 15 NXP Semiconductors BC635; BCP54; BCX54 45 V, 1 A NPN medium power transistors 5. Limiting values [1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint. [2] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 1 cm2. [3] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 6 cm2. Table 6. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter Conditions Min Max Unit VCBO collector-base voltage open emitter - 45 V VCEO collector-emitter voltage open base - 45 V VEBO emitter-base voltage open collector - 5 V IC collector current - 1 A ICM peak collector current single pulse; tp ≤ 1ms - 1.5 A IBM peak base current single pulse; tp ≤ 1ms - 0.2 A Ptot total power dissipation Tamb ≤ 25 °C BC635 [1] - 0.83 W BCP54 [1] - 0.64 W [2] - 0.96 W BCX54 [1] - 0.5 W [2] - 0.85 W [3] - 1.25 W Tj junction temperature - 150 °C Tamb ambient temperature −65 +150 °C Tstg storage temperature −65 +150 °C |
同様の部品番号 - BCX54 |
|
同様の説明 - BCX54 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |