データシートサーチシステム |
|
LM324ANSR データシート(PDF) 9 Page - Texas Instruments |
|
|
LM324ANSR データシート(HTML) 9 Page - Texas Instruments |
9 / 35 page LM124, LM124A, LM224, LM224A, LM324, LM324A, LM2902, LM2902V, LM224K, LM224KA, LM324K, LM324KA, LM2902K, LM2902KV, LM2902KAV QUADRUPLE OPERATIONAL AMPLIFIERS SLOS066T − SEPTEMBER 1975 − REVISED MARCH 2010 9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 operating conditions, VCC = ±15 V, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT SR Slew rate at unity gain RL = 1 MΩ, CL = 30 pF, VI = ±10 V (see Figure 1) 0.5 V/ µs B1 Unity-gain bandwidth RL = 1 MΩ, CL = 20 pF (see Figure 1) 1.2 MHz Vn Equivalent input noise voltage RS = 100 Ω, VI = 0 V, f = 1 kHz (see Figure 2) 35 nV/ √Hz VO − + RL CL VI VCC+ VCC− Figure 1. Unity-Gain Amplifier VO − + 100 Ω VCC+ VCC− RS 900 Ω VI = 0 V Figure 2. Noise-Test Circuit |
同様の部品番号 - LM324ANSR |
|
同様の説明 - LM324ANSR |