データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2597HVMX-ADJ データシート(PDF) 5 Page - Texas Instruments

部品番号 LM2597HVMX-ADJ
部品情報  LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM2597HVMX-ADJ データシート(HTML) 5 Page - Texas Instruments

  LM2597HVMX-ADJ Datasheet HTML 1Page - Texas Instruments LM2597HVMX-ADJ Datasheet HTML 2Page - Texas Instruments LM2597HVMX-ADJ Datasheet HTML 3Page - Texas Instruments LM2597HVMX-ADJ Datasheet HTML 4Page - Texas Instruments LM2597HVMX-ADJ Datasheet HTML 5Page - Texas Instruments LM2597HVMX-ADJ Datasheet HTML 6Page - Texas Instruments LM2597HVMX-ADJ Datasheet HTML 7Page - Texas Instruments LM2597HVMX-ADJ Datasheet HTML 8Page - Texas Instruments LM2597HVMX-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
LM2597, LM2597HV
www.ti.com
SNVS119C – MARCH 1998 – REVISED APRIL 2013
LM2597/LM2597HV-12
Electrical Characteristics
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating
Temperature Range.VINmax=40V for the LM2597 and 60V for the LM2597HV
Symbol
Parameter
Conditions
LM2597/LM2597HV-12
Units
(Limits)
Typ (1)
Limit (2)
SYSTEM PARAMETERS Test Circuit Figure 31(3)(4)
VOUT
Output Voltage
15V
≤ VIN ≤ VINmax, 0.1A ≤ ILOAD ≤ 0.5A
12
V
11.52/11.40
V(min)
12.48/12.60
V(max)
η
Efficiency
VIN = 25V, ILOAD = 0.5A
88
%
(1)
Typical numbers are at 25°C and represent the most likely norm.
(2)
All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control
(SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(3)
External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance.
When the LM2597/LM2597HV is used as shown in the Figure 31 test circuit, system performance will be as shown in system
parameters section of Electrical Characteristics.
(4)
No diode, inductor or capacitor connected to output pin.
LM2597/LM2597HV-ADJ
Electrical Characteristics
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating
Temperature Range.VINmax=40V for the LM2597 and 60V for the LM2597HV
Symbol
Parameter
Conditions
LM2597/LM2597HV-ADJ
Units
(Limits)
Typ (1)
Limit (2)
SYSTEM PARAMETERS Test Circuit Figure 31(3)(4)
VFB
Feedback Voltage
4.5V
≤ VIN ≤ VINmax, 0.1A ≤ ILOAD ≤ 0.5A
1.230
V
VOUT programmed for 3V. Circuit of Figure 31.
1.193/1.180
V(min)
1.267/1.280
V(max)
η
Efficiency
VIN = 12V, VOUT = 3V, ILOAD = 0.5A
80
%
(1)
Typical numbers are at 25°C and represent the most likely norm.
(2)
All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control
(SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(3)
External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance.
When the LM2597/LM2597HV is used as shown in the Figure 31 test circuit, system performance will be as shown in system
parameters section of Electrical Characteristics.
(4)
No diode, inductor or capacitor connected to output pin.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2597 LM2597HV


同様の部品番号 - LM2597HVMX-ADJ

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2597HVMX-ADJ TI-LM2597HVMX-ADJ Datasheet
2Mb / 48P
[Old version datasheet]   LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
LM2597HVMX-ADJ/NOPB TI1-LM2597HVMX-ADJ/NOPB Datasheet
2Mb / 48P
[Old version datasheet]   LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
More results

同様の説明 - LM2597HVMX-ADJ

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2597M-5 TI1-LM2597M-5 Datasheet
2Mb / 48P
[Old version datasheet]   LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2597HVM-ADJ TI-LM2597HVM-ADJ Datasheet
2Mb / 48P
[Old version datasheet]   LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
logo
National Semiconductor ...
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2594MX-5 TI1-LM2594MX-5 Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594N-ADJ TI1-LM2594N-ADJ Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594N-5 TI1-LM2594N-5 Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2597 NSC-LM2597 Datasheet
900Kb / 34P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com