データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3414 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM3414
部品情報  1A 60W Common Anode Capable Constant Current Buck LED Driver Requires No
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM3414 データシート(HTML) 1 Page - Texas Instruments

  LM3414 Datasheet HTML 1Page - Texas Instruments LM3414 Datasheet HTML 2Page - Texas Instruments LM3414 Datasheet HTML 3Page - Texas Instruments LM3414 Datasheet HTML 4Page - Texas Instruments LM3414 Datasheet HTML 5Page - Texas Instruments LM3414 Datasheet HTML 6Page - Texas Instruments LM3414 Datasheet HTML 7Page - Texas Instruments LM3414 Datasheet HTML 8Page - Texas Instruments LM3414 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
VIN
LX
DIM
FS
PGND
IADJ
GND
VCC
* DAP connect to GND
D1
L1
GND
Iout = 1A
LM3414/14HV
RFS
RIADJ
Vin
GND
4.5V ± 42 VDC (LM3414)
CIN
PWM dimming signal
CVCC
GND
GND
4.5V ± 65 VDC (LM3414HV)
LM3414, LM3414HV
www.ti.com
SNVS678E – JUNE 2010 – REVISED MAY 2013
1A 60W Common Anode Capable Constant Current Buck LED Driver Requires No
External Current Sensing Resistor
Check for Samples: LM3414, LM3414HV
1
FEATURES
DESCRIPTION
The LM3414 and LM3414HV are 1A 60W (see Note
2
Support LED Power up to 60W (see Note under
below) common anode capable constant current buck
Description): 18x 3W HBLEDs
LED drivers. They are exceptionally suitable to drive
Requires NO External Current Sensing
single string of 3W HBLED with up to 96% efficiency.
Resistor
They accept input voltages from 4.5VDC to 65VDC
and deliver up to 1A average LED current with ±3%
±3% LED Current Accuracy
accuracy. The integrated low-side N-channel power
Up to 96% Efficiency
MOSFET and current sensing element realize simple
High Contrast Ratio (Minimum Dimming
and
low
component
count
circuitry
as
no
Current Pulse Width <10 µS)
bootstrapping capacitor and external current sensing
resistor are required. An external small-signal resistor
Integrated Low-Side N-Channel MOSFET
to ground provides very fine LED current adjustment,
Adjustable Constant LED Current From 350mA
analog
dimming
as
well
as
thermal
fold-back
to 1000mA
functions.
Support Analog Dimming and Thermal Fold-
Constant switching frequency operation eases EMI.
Back
No external loop compensation network is needed.
Wide Input Voltage Range:
The proprietary Pulse-Level-Modulation (PLM) control
4.5V to 42V (LM3414)
method benefits in high conversion efficiency and true
average LED current regulation. Fast response time
4.5V to 65V (LM3414HV)
realizes fine LED current pulse fulfilling the 240 Hz
Constant Switching Frequency Adjustable
256-step dimming resolution requirement for general
from 250 kHz to 1000 kHz
lighting.
Thermal Shutdown Protection
The LM3414 and LM3414HV are available in SOIC-8
Power Enhanced SOIC-8 or 3mm x 3mm
and 3mm x 3mm WSON-8 packages.
WSON-8 Package
Note: Thermal de-rating applies according to actual
operation conditions
APPLICATIONS
High Power LED Driver
Architectural Lighting, Office Troffer
Automotive Lighting
MR-16 LED Lamp
Simplified Application Schematic
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM3414

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3414 NSC-LM3414 Datasheet
401Kb / 20P
   1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Texas Instruments
LM3414 TI1-LM3414 Datasheet
1Mb / 32P
[Old version datasheet]   60-W Common Anode-Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Shanghai Leiditech Elec...
LM3414 LEIDITECH-LM3414 Datasheet
870Kb / 3P
   N-Channel Enhancement Mode Power MOSFET
logo
National Semiconductor ...
LM3414HV NSC-LM3414HV Datasheet
401Kb / 20P
   1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
LM3414HV NSC-LM3414HV Datasheet
2Mb / 12P
   1A 65V LED Driver Evaluation Board Switching frequency: 500 kHz
More results

同様の説明 - LM3414

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3414 NSC-LM3414 Datasheet
401Kb / 20P
   1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Texas Instruments
LM3414 TI1-LM3414_15 Datasheet
1Mb / 30P
[Old version datasheet]   Common Anode-Capable Constant Current Buck LED Driver
LM3414 TI1-LM3414 Datasheet
1Mb / 32P
[Old version datasheet]   60-W Common Anode-Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Mean Well Enterprises C...
LPFH-60D MEANWELL-LPFH-60D Datasheet
131Kb / 8P
   60W Constant Current LED Driver
LPFH-60 MEANWELL-LPFH-60 Datasheet
107Kb / 6P
   60W Constant Voltage Constant Current LED Driver
logo
MY-SEMI INC.
MY8103 MY-SEMI-MY8103 Datasheet
502Kb / 17P
   65V 1A Common Anode Capable LED Driver With Internal Switch and Wide-Range Current Sense
Mar. 2015 Ver. 0.6
logo
Shenzhen Huazhimei Semi...
HM9804 HMSEMI-HM9804 Datasheet
803Kb / 11P
   80V 1A Switching Current Buck PFM LED Constant Current Driver
logo
XLSEMI
XL8004 XLSEMI-XL8004 Datasheet
351Kb / 11P
   80V 1A Switching Current Buck PFM LED Constant Current Driver
logo
List of Unclassifed Man...
XL8004 ETC2-XL8004 Datasheet
351Kb / 11P
   80V 1A Switching Current Buck PFM LED Constant Current Driver
logo
Texas Instruments
TPS92511 TI1-TPS92511 Datasheet
1Mb / 31P
[Old version datasheet]   500-mA, 65-V Common Anode Constant Current Buck LED Driver Without External Current Sensing Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com