データシートサーチシステム |
|
LM285M-25 データシート(PDF) 3 Page - Texas Instruments |
|
LM285M-25 データシート(HTML) 3 Page - Texas Instruments |
3 / 22 page LM185-2.5-N, LM285-2.5-N, LM385-2.5-N www.ti.com SNVS743D – DECEMBER 1999 – REVISED MARCH 2013 ELECTRICAL CHARACTERISTICS LM385A-2.5-N LM385AX-2.5-N Units Parameter Conditions Typ (Limits) LM385AY-2.5-N Tested Limit(2) Design Limit(3) Reverse Breakdown IR = 100 μA 2.500 2.480 V(Min) Voltage 2.520 V(Max) 2.500 2.470 V(Min) 2.530 V(Max) Minimum Operating 12 18 20 μA Current (Max) Reverse Breakdown IMIN ≤ IR ≤ 1mA 1 1.5 mV Voltage Change with (Max) Current 1 mA ≤ IR ≤ 20 mA 10 20 mV (Max) Reverse Dynamic IR = 100 μA, 0.2 0.6 Ω Impedance f = 20 Hz 1.5 Wideband Noise (rms) IR = 100 μA 120 μV 10 Hz ≤ f ≤ 10 kHz Long Term Stability IR = 100 μA, T = 1000 Hr, 20 ppm TA = 25°C ±0.1°C Average Temperature Coefficient(4) IMIN ≤ IR ≤ 20 mA X Suffix 30 ppm/°C Y Suffix 50 (Max) All Others 150 (1) Parameters identified with boldface type apply at temperature extremes. All other numbers apply at TA = TJ = 25°C. (2) Specified and 100% production tested. (3) Specified, but not 100% production tested. These limits are not used to calculate average outgoing quality levels. (4) The average temperature coefficient is defined as the maximum deviation of reference voltage at all measured temperatures between the operating TMAX and TMIN, divided by TMAX–TMIN. The measured temperatures are −55°C, −40°C, 0°C, 25°C, 70°C, 85°C, 125°C. Copyright © 1999–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LM185-2.5-N LM285-2.5-N LM385-2.5-N |
同様の部品番号 - LM285M-25 |
|
同様の説明 - LM285M-25 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |