データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM285BYMX-2.5-NOPB データシート(PDF) 3 Page - Texas Instruments

部品番号 LM285BYMX-2.5-NOPB
部品情報  LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM285BYMX-2.5-NOPB データシート(HTML) 3 Page - Texas Instruments

  LM285BYMX-2.5-NOPB Datasheet HTML 1Page - Texas Instruments LM285BYMX-2.5-NOPB Datasheet HTML 2Page - Texas Instruments LM285BYMX-2.5-NOPB Datasheet HTML 3Page - Texas Instruments LM285BYMX-2.5-NOPB Datasheet HTML 4Page - Texas Instruments LM285BYMX-2.5-NOPB Datasheet HTML 5Page - Texas Instruments LM285BYMX-2.5-NOPB Datasheet HTML 6Page - Texas Instruments LM285BYMX-2.5-NOPB Datasheet HTML 7Page - Texas Instruments LM285BYMX-2.5-NOPB Datasheet HTML 8Page - Texas Instruments LM285BYMX-2.5-NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LM185-2.5-N, LM285-2.5-N, LM385-2.5-N
www.ti.com
SNVS743D – DECEMBER 1999 – REVISED MARCH 2013
ELECTRICAL CHARACTERISTICS
LM385A-2.5-N
LM385AX-2.5-N
Units
Parameter
Conditions
Typ
(Limits)
LM385AY-2.5-N
Tested Limit(2)
Design Limit(3)
Reverse Breakdown
IR = 100 μA
2.500
2.480
V(Min)
Voltage
2.520
V(Max)
2.500
2.470
V(Min)
2.530
V(Max)
Minimum Operating
12
18
20
μA
Current
(Max)
Reverse Breakdown
IMIN ≤ IR ≤ 1mA
1
1.5
mV
Voltage Change with
(Max)
Current
1 mA
≤ IR ≤ 20 mA
10
20
mV
(Max)
Reverse Dynamic
IR = 100 μA,
0.2
0.6
Ω
Impedance
f = 20 Hz
1.5
Wideband Noise (rms)
IR = 100 μA
120
μV
10 Hz
≤ f ≤ 10 kHz
Long Term Stability
IR = 100 μA, T = 1000 Hr,
20
ppm
TA = 25°C ±0.1°C
Average Temperature Coefficient(4)
IMIN ≤ IR ≤ 20 mA
X Suffix
30
ppm/°C
Y Suffix
50
(Max)
All Others
150
(1)
Parameters identified with boldface type apply at temperature extremes. All other numbers apply at TA = TJ = 25°C.
(2)
Specified and 100% production tested.
(3)
Specified, but not 100% production tested. These limits are not used to calculate average outgoing quality levels.
(4)
The average temperature coefficient is defined as the maximum deviation of reference voltage at all measured temperatures between
the operating TMAX and TMIN, divided by TMAX–TMIN. The measured temperatures are −55°C, −40°C, 0°C, 25°C, 70°C, 85°C, 125°C.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM185-2.5-N LM285-2.5-N LM385-2.5-N


同様の部品番号 - LM285BYMX-2.5-NOPB

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM285BYMX-2.5/NOPB TI1-LM285BYMX-2.5/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM285BYMX-2.5/NOPB TI1-LM285BYMX-2.5/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM285BYMX-2.5/NOPB TI1-LM285BYMX-2.5/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM285BYMX-2.5/NOPB TI1-LM285BYMX-2.5/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
More results

同様の説明 - LM285BYMX-2.5-NOPB

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM285MX-25 TI1-LM285MX-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM385BZ TI1-LM385BZ Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM285BYMX-25 TI1-LM285BYMX-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM385Z-2.5 TI-LM385Z-2.5 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N_13 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N Datasheet
313Kb / 18P
[Old version datasheet]   LM185-2.5/LM285-2.5/LM385-2.5 Micropower Voltage Reference Diode
LM385BXM-1.2 TI-LM385BXM-1.2 Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM185-1.2-N TI1-LM185-1.2-N_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM185-1.2-N TI1-LM185-1.2-N Datasheet
289Kb / 12P
[Old version datasheet]   LM185-1.2/LM285-1.2/LM385-1.2 Micropower Voltage Reference Diode
LM185-ADJ TI1-LM185-ADJ Datasheet
708Kb / 16P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com