データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MUR120 データシート(PDF) 4 Page - Motorola, Inc

部品番号 MUR120
部品情報  ULTRAFAST RECTIFIERS 1.0 AMPERE 200-400-600 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MUR120 データシート(HTML) 4 Page - Motorola, Inc

  MUR120 Datasheet HTML 1Page - Motorola, Inc MUR120 Datasheet HTML 2Page - Motorola, Inc MUR120 Datasheet HTML 3Page - Motorola, Inc MUR120 Datasheet HTML 4Page - Motorola, Inc MUR120 Datasheet HTML 5Page - Motorola, Inc MUR120 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MUR120 MUR140 MUR160
4
Rectifier Device Data
Lead Length, L
Mounting
Method
1/8
1/4
1/2
Units
1
2
3
52
67
R
θJA
65
72
80
87
50
°C/W
°C/W
°C/W
TYPICAL VALUES FOR R
θJA IN STILL AIR
Data shown for thermal resistance junction to
ambient (R
θJA) for the mountings shown is to be used
as typical guideline values for preliminary
engineering or in case the tie point temperature
cannot be measured.
NOTE 1 — AMBIENT MOUNTING DATA
MOUNTING METHOD 1
MOUNTING METHOD 2
MOUNTING METHOD 3
L
L
L
L
Vector Pin Mounting
L = 3/8
Board Ground Plane
P.C. Board with
1–1/2 X 1–1/2 Copper Surface


同様の部品番号 - MUR120

メーカー部品番号データシート部品情報
logo
Jinan Gude Electronic D...
MUR120 JGD-MUR120 Datasheet
148Kb / 2P
   1.0 AMPS. ULTRA FAST RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
MUR120 YFWDIODE-MUR120 Datasheet
81Kb / 3P
   Super Fast Switching Speed For High Efficiency
logo
Rectron Semiconductor
MUR120 RECTRON-MUR120 Datasheet
190Kb / 3P
   ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 1.0 Ampere
logo
SHENZHEN YONGERJIA INDU...
MUR120 WINNERJOIN-MUR120 Datasheet
113Kb / 2P
   Super fast switching speed.
logo
Diodes Incorporated
MUR120 DIODES-MUR120 Datasheet
66Kb / 2P
   1.0A SUPER-FAST RECTIFIER
DS30178 Rev. A-0
More results

同様の説明 - MUR120

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MURS120T3 MOTOROLA-MURS120T3 Datasheet
112Kb / 4P
   ULTRAFAST RECTIFIERS 1.0 AMPERE 200-600 VOLTS
MUR1620CT MOTOROLA-MUR1620CT Datasheet
153Kb / 6P
   ULTRAFAST RECTIFIERS 8 AMPERES 200-400-600 VOLTS
MUR3020PT MOTOROLA-MUR3020PT Datasheet
99Kb / 6P
   ULTRAFAST RECTIFIERS 30 AMPERES 200-400-600 VOLTS
MUR3020WT MOTOROLA-MUR3020WT Datasheet
103Kb / 6P
   ULTRAFAST RECTIFIERS 30 AMPERES 200-400-600 VOLTS
MUR820 MOTOROLA-MUR820 Datasheet
150Kb / 6P
   ULTRAFAST RECTIFIERS 8 AMPERES 200-400-600 VOLTS
MUR1520 MOTOROLA-MUR1520 Datasheet
143Kb / 6P
   ULTRAFAST RECTIFIERS 15 AMPERES 200-400-600 VOLTS
logo
GOOD-ARK Electronics
MUR140 GOOD-ARK-MUR140 Datasheet
129Kb / 2P
   Ultrafast Plastic Rectifiers Reverse Voltage 400 to 600 Volts Forward Current 1.0 Ampere
MURS140 GOOD-ARK-MURS140_15 Datasheet
271Kb / 2P
   Ultrafast Plastic Rectifiers Reverse Voltage 400 to 600 Volts Forward Current 1.0 Ampere
logo
Rectron Semiconductor
MUR120 RECTRON-MUR120 Datasheet
190Kb / 3P
   ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 1.0 Ampere
MURS120A RECTRON-MURS120A Datasheet
306Kb / 4P
   ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com