データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL431FDT データシート(PDF) 1 Page - NXP Semiconductors

部品番号 TL431FDT
部品情報  Adjustable precision shunt regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TL431FDT データシート(HTML) 1 Page - NXP Semiconductors

  TL431FDT Datasheet HTML 1Page - NXP Semiconductors TL431FDT Datasheet HTML 2Page - NXP Semiconductors TL431FDT Datasheet HTML 3Page - NXP Semiconductors TL431FDT Datasheet HTML 4Page - NXP Semiconductors TL431FDT Datasheet HTML 5Page - NXP Semiconductors TL431FDT Datasheet HTML 6Page - NXP Semiconductors TL431FDT Datasheet HTML 7Page - NXP Semiconductors TL431FDT Datasheet HTML 8Page - NXP Semiconductors TL431FDT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1.
General description
Three-terminal shunt regulator family with an output voltage range between Vref and 36 V,
to be set by two external resistors.
The TL431xDBZR types feature an enhanced stability area with a very low
load capacity requirement.
The TL431xFDT types offer an enhanced stability area and a higher
ElectroMagnetic Interference (EMI) ruggedness, for example, for Switch Mode Power
Supply (SMPS) applications.
The TL431xSDT types are designed for standard requirements and linear
applications.
TL431 family
Adjustable precision shunt regulator
Rev. 4 — 30 June 2011
Product data sheet
Table 1.
Product overview
Reference voltage
tolerance (Vref)
Temperature range (Tamb)
Pinning
configuration
(see Table 5)
0 to 70
C
40 to 85 C
40 to 125 C
2 %
TL431CDBZR
TL431IDBZR
TL431QDBZR
normal pinning
TL431FDT
normal pinning
TL431MFDT
mirrored pinning
TL431SDT
normal pinning
TL431MSDT
mirrored pinning
1 %
TL431ACDBZR TL431AIDBZR
TL431AQDBZR normal pinning
TL431AFDT
normal pinning
TL431AMFDT
mirrored pinning
TL431ASDT
normal pinning
TL431AMSDT
mirrored pinning
0.5 %
TL431BCDBZR TL431BIDBZR
TL431BQDBZR normal pinning
TL431BFDT
normal pinning
TL431BMFDT
mirrored pinning
TL431BSDT
normal pinning
TL431BMSDT
mirrored pinning


同様の部品番号 - TL431FDT

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TL431FDT PHILIPS-TL431FDT Datasheet
277Kb / 27P
   Adjustable precision shunt regulator
Rev. 4-30 June 2011
More results

同様の説明 - TL431FDT

メーカー部品番号データシート部品情報
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com