データシートサーチシステム |
|
LM134H データシート(PDF) 7 Page - Texas Instruments |
|
|
LM134H データシート(HTML) 7 Page - Texas Instruments |
7 / 25 page LM134, LM234, LM334 www.ti.com SNVS746C – MAY 2004 – REVISED MARCH 2005 Figure 14. Gain Adjustment This property of the LM134 is illustrated in the accompanying graph. Line abc is the sensor current before trimming. Line a ′b′c′ is the desired output. A gain trim done at T2 will move the output from b to b′ and will simultaneously correct the slope so that the output at T1 and T3 will be correct. This gain trim can be done on RSET or on the load resistor used to terminate the LM134. Slope error after trim will normally be less than ±1%. To maintain this accuracy, however, a low temperature coefficient resistor must be used for RSET. A 33 ppm/°C drift of RSET will give a 1% slope error because the resistor will normally see about the same temperature variations as the LM134. Separating RSET from the LM134 requires 3 wires and has lead resistance problems, so is not normally recommended. Metal film resistors with less than 20 ppm/°C drift are readily available. Wire wound resistors may also be used where best stability is required. Application as a Zero Temperature Coefficent Current Source Adding a diode and a resistor to the standard LM134 configuration can cancel the temperature-dependent characteristic of the LM134. The circuit shown in Figure 15 balances the positive tempco of the LM134 (about +0.23 mV/°C) with the negative tempco of a forward-biased silicon diode (about −2.5 mV/°C). Figure 15. Zero Tempco Current Source The set current (ISET) is the sum of I1 and I2, each contributing approximately 50% of the set current, and IBIAS. IBIAS is usually included in the I1 term by increasing the VR value used for calculations by 5.9%. (See CALCULATING RSET.) Copyright © 2004–2005, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: LM134 LM234 LM334 |
同様の部品番号 - LM134H |
|
同様の説明 - LM134H |