データシートサーチシステム |
|
LM185BXH-2.5 データシート(PDF) 2 Page - Texas Instruments |
|
LM185BXH-2.5 データシート(HTML) 2 Page - Texas Instruments |
2 / 22 page LM185-2.5-N, LM285-2.5-N, LM385-2.5-N SNVS743D – DECEMBER 1999 – REVISED MARCH 2013 www.ti.com Figure 4. LCCC Leadless Chip Carrier Figure 5. TO Package See Package Number NAJ0020A (Bottom View) See Package Number NDU0002A These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. ABSOLUTE MAXIMUM RATINGS (1) (2) (3) Reverse Current 30 mA Forward Current 10 mA LM185-2.5-N −55°C to + 125°C Operating Temperature Range(4) LM285-2.5-N −40°C to + 85°C LM385-2.5-N 0°C to 70°C ESD Susceptibility(5) 2kV Storage Temperature −55°C to + 150°C TO-92 Package (10 sec.) 260°C TO Package (10 sec.) 300°C Soldering Information Vapor Phase (60 sec.) 215°C SOIC and SOT-23 Package Infrared (15 sec.) 220°C See http://www.ti.com for other methods of soldering surface mount devices. (1) Refer to RETS185H-2.5 for military specifications. (2) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed. (3) If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications. (4) For elevated temperature operation, TJ MAX is: LM185-N: 150°C LM285-N: 125°C LM385-N: 100°C See THERMAL CHARACTERISTICS. (5) The human body model is a 100 pF capacitor discharged through a 1.5 k Ω resistor into each pin. THERMAL CHARACTERISTICS over operating free-air temperature range (unless otherwise noted) LM185 150°C LM285 125°C Thermal Resistance SOIC-8 SOT-23 LM385 100°C TO-92 TO θja (Junction to Ambient) 180°C/W (0.4 ″ Leads) 440°C/W 165°C/W 283°C/W 170°C/W (0.125 ″ Leads) θjc (Junction to Case) N/A 80°C/W N/A N/A 2 Submit Documentation Feedback Copyright © 1999–2013, Texas Instruments Incorporated Product Folder Links: LM185-2.5-N LM285-2.5-N LM385-2.5-N |
同様の部品番号 - LM185BXH-2.5 |
|
同様の説明 - LM185BXH-2.5 |