データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2990T-15 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM2990T-15
部品情報  LM2990 Negative Low Dropout Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2990T-15 データシート(HTML) 1 Page - Texas Instruments

  LM2990T-15 Datasheet HTML 1Page - Texas Instruments LM2990T-15 Datasheet HTML 2Page - Texas Instruments LM2990T-15 Datasheet HTML 3Page - Texas Instruments LM2990T-15 Datasheet HTML 4Page - Texas Instruments LM2990T-15 Datasheet HTML 5Page - Texas Instruments LM2990T-15 Datasheet HTML 6Page - Texas Instruments LM2990T-15 Datasheet HTML 7Page - Texas Instruments LM2990T-15 Datasheet HTML 8Page - Texas Instruments LM2990T-15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM2990
www.ti.com
SNVS093D – JUNE 1999 – REVISED APRIL 2013
LM2990 Negative Low Dropout Regulator
Check for Samples: LM2990
1
FEATURES
DESCRIPTION
The LM2990 is a three-terminal, low dropout, 1
2
5% Output Accuracy over Entire Operating
ampere negative voltage regulator available with fixed
Range
output voltages of
−5, −5.2, −12, and −15V.
Output Current in Excess of 1A
The LM2990 uses new circuit design techniques to
Dropout Voltage Typically 0.6V at 1A Load
provide low dropout and low quiescent current. The
Low Quiescent Current
dropout voltage at 1A load current is typically 0.6V
and an ensured worst-case maximum of 1V over the
Internal Short Circuit Current Limit
entire operating temperature range. The quiescent
Internal Thermal Shutdown with Hysteresis
current is typically 1 mA with 1A load current and an
Functional Complement to the LM2940 Series
input-output voltage differential greater than 3V. A
unique circuit design of the internal bias supply limits
APPLICATIONS
the quiescent current to only 9 mA (typical) when the
regulator is in the dropout mode (VOUT − VIN ≤ 3V).
Post Switcher Regulator
Output voltage accuracy is ensured to ±5% over load,
Local, On-Card, Regulation
and temperature extremes.
Battery Operated Equipment
The LM2990 is short-circuit proof, and thermal
shutdown
includes
hysteresis
to
enhance
the
reliability of the device when overloaded for an
extended period of time. The LM2990 is available in a
3-lead package and is rated for operation over the
automotive temperature range of
−40°C to +125°C.
Typical Application
*Required if the regulator is located further than 6 inches from the power supply filter capacitors. A 1
μF solid
tantalum or a 10
μF aluminum electrolytic capacitor is recommended.
**Required for stability. Must be at least a 10
μF aluminum electrolytic or a 1 μF solid tantalum to maintain stability.
May be increased without bound to maintain regulation during transients. Locate the capacitor as close as possible to
the regulator. The equivalent series resistance (ESR) is critical, and should be less than 10
Ω over the same operating
temperature range as the regulator.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM2990T-15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2990T-15 NSC-LM2990T-15 Datasheet
421Kb / 12P
   Negative Low Dropout Regulator
logo
Texas Instruments
LM2990T-15 TI-LM2990T-15 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990T-15 TI-LM2990T-15 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990T-15 TI1-LM2990T-15 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990T-15/NOPB TI1-LM2990T-15/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
More results

同様の説明 - LM2990T-15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2990 TI-LM2990_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM2990 Negative Low-Dropout Regulator
LM2990S-5 TI-LM2990S-5 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990SX-12 TI-LM2990SX-12 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990S-5 TI1-LM2990S-5 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
logo
National Semiconductor ...
LM2990 NSC-LM2990 Datasheet
421Kb / 12P
   Negative Low Dropout Regulator
LM2991 NSC-LM2991_00 Datasheet
349Kb / 12P
   Negative Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2991QML TI1-LM2991QML Datasheet
414Kb / 15P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
logo
Micrel Semiconductor
MIIC5271 MICREL-MIIC5271 Datasheet
117Kb / 10P
   UCAP NEGATIVE LOW DROPOUT REGULATOR
logo
Texas Instruments
LM2991 TI1-LM2991 Datasheet
1Mb / 19P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
logo
National Semiconductor ...
LM2991QML NSC-LM2991QML Datasheet
688Kb / 13P
   Negative Low Dropout Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com