データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CBC32 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 CBC32
部品情報  CBC Bench Counting Scales
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

CBC32 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  CBC32 Datasheet HTML 1Page - List of Unclassifed Manufacturers CBC32 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Specifications
Model
CBC 4
CBC 8
CBC 16
CBC 32
CBC 48
Maximum capacity
4000g
8000g
16kg
32kg
48kg
Readability
0.1g
0.2g
0.5g
1g
2g
Tare range
-4kg
-8kg
-9.9995kg
-32kg
-48kg
Repeatability (S.D.)
0.1g
0.2g
0.5g
1g
2g
Linearity (±)
0.2g
0.4g
1g
2g
4g
Pan size
225×275mm
Units of
measurement
Gram (g)
Kilogram (kg)
General Specifications
Internal counting
resolution
1:600,000
Functions
Parts counting, weighing, memory accumulation, preset count with alarm
Typical stabilisation time
2 Sec
Calibration
Automatic External
Display
3 x 6 digits LCD digital displays
Power supply
Rechargeable battery or mains power
Operating temperature
0°C - 40°C
Housing
ABS plastic, stainless steel platform
Overall dimensions
(wxdxh)
315×355×110mm
Net weight
4.1kg
Key Accessories
· In-use Cover
· In-Use Cover pack of 10
· Adam Printer
· Thermal Paper Roll for Adam Printer
· AdamDU - Data Collection Program
· RS-232 to PC Cable
· In-Use Cover pack of 5
· RS-232 to USB Interface Cable (must be ordered with 3074010266 RS232 cable)
· Hard Carry Case with Lock
· ATP Thermal Printer
· Thermal Paper for ATP
Adam Equipment - offices worldwide
www.adamequipment.com
Adam Equipment follows a policy of continuous improvement and reserves the right to change specifications without notice. © 11th July 2012


同様の部品番号 - CBC32

メーカー部品番号データシート部品情報
logo
Taiyo Yuden (U.S.A.), I...
CBC3225T100 TAIYO-YUDEN-CBC3225T100 Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
CBC3225T100KR TAIYO-YUDEN-CBC3225T100KR Datasheet
274Kb / 11P
   WIRE-WOUND CHIP POWER INDUCTORS (CB SERIES)
CBC3225T100KR TAIYO-YUDEN-CBC3225T100KR Datasheet
283Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CBC]
CBC3225T100KR TAIYO-YUDEN-CBC3225T100KR Datasheet
363Kb / 3P
   Wire-wound Ferrite Power Inductors LSQN/LSQPA series for General Electronic Equipment
2021/8/3
CBC3225T100KR8 TAIYO-YUDEN-CBC3225T100KR8 Datasheet
277Kb / 2P
   Wire-wound Chip Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (CB series)[CBC]
More results

同様の説明 - CBC32

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
CT-23 BOURNS-CT-23_07 Datasheet
191Kb / 1P
   Turns-Counting Dial
H-550 BOURNS-H-550 Datasheet
26Kb / 1P
   Turns-Counting Dial
CT-23 BOURNS-CT-23 Datasheet
187Kb / 1P
   Turns-Counting Dial
H-490 BOURNS-H-490 Datasheet
323Kb / 1P
   Turns-Counting Dial
H-22 BOURNS-H-22 Datasheet
453Kb / 1P
   Turns-Counting Dials
H22 BOURNS-H22_12 Datasheet
195Kb / 1P
   Turns-Counting Dial
H-516 BOURNS-H-516 Datasheet
180Kb / 1P
   Turns-Counting Dial
H-490 BOURNS-H-490_04 Datasheet
31Kb / 1P
   Turns-Counting Dial
H-46 BOURNS-H-46_09 Datasheet
154Kb / 1P
   Turns-Counting Dial
logo
TT Electronics.
2126 TTELEC-2126 Datasheet
402Kb / 1P
   Turn Counting Dial
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com