データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV932IDG4 データシート(PDF) 6 Page - Texas Instruments

部品番号 LMV932IDG4
部品情報  1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMV932IDG4 データシート(HTML) 6 Page - Texas Instruments

Back Button LMV932IDG4 Datasheet HTML 2Page - Texas Instruments LMV932IDG4 Datasheet HTML 3Page - Texas Instruments LMV932IDG4 Datasheet HTML 4Page - Texas Instruments LMV932IDG4 Datasheet HTML 5Page - Texas Instruments LMV932IDG4 Datasheet HTML 6Page - Texas Instruments LMV932IDG4 Datasheet HTML 7Page - Texas Instruments LMV932IDG4 Datasheet HTML 8Page - Texas Instruments LMV932IDG4 Datasheet HTML 9Page - Texas Instruments LMV932IDG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Not Recommended for New Designs
LMV932 DUAL, LMV934 QUAD
LMV931 SINGLE
SLOS441G – AUGUST 2004 – REVISED FEBRUARY 2006
www.ti.com
Electrical Characteristics (continued)
VCC+ = 1.8 V, VCC– = 0 V, VIC = VCC+/2, VO = VCC+/2, and RL > 1 MΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
SR
Slew rate(1)
25°C
0.35
V/
μS
Φm
Phase margin
25°C
67
°
Gain margin
25°C
7
dB
Equivalent input
Vn
f = 1 kHz, VIC = 0.5 V
25°C
60
nV/
√Hz
noise voltage
Equivalent input
In
f = 1 kHz
25°C
0.06
pA/
√Hz
noise current
Total harmonic
f = 1 kHz, AV = 1, RL = 600 Ω,
THD
25°C
0.023
%
distortion
VID = 1 Vp-p
Amplifier-to-amplifier
25°C
123
dB
isolation(2)
(1)
Number specified is the slower of the positive and negative slew rates.
(2)
Input referred, VCC+ = 5 V and RL = 100 kΩ connected to 2.5 V. Each amplifier is excited, in turn, with a 1-kHz signal to produce
VO = 3 Vp-p.
6
Copyright © 2004–2006, Texas Instruments Incorporated


同様の部品番号 - LMV932IDG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV932IDG4 TI-LMV932IDG4 Datasheet
725Kb / 26P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
More results

同様の説明 - LMV932IDG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV931-Q1 TI1-LMV931-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931 TI-LMV931 Datasheet
725Kb / 26P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV981 TI-LMV981 Datasheet
611Kb / 22P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL AND OUTPUT AND SHUTDOWN
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
logo
Texas Instruments
LMV981 TI1-LMV981_15 Datasheet
1Mb / 26P
[Old version datasheet]   LMV981 SINGLE, LMV982 DUAL 1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT AND SHUTDOWN
logo
Analog Devices
OP196 AD-OP196_02 Datasheet
287Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP184 AD-OP184_06 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP284 AD-OP284_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP184 AD-OP184_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com