データシートサーチシステム |
|
AM29LV641DH90RWHIN データシート(PDF) 5 Page - Advanced Micro Devices |
|
AM29LV641DH90RWHIN データシート(HTML) 5 Page - Advanced Micro Devices |
5 / 57 page 4 Am29LV640D/Am29LV641D September 20, 2002 PRODUCT SELECTOR GUIDE Note: See “AC Characteristics” for full specifications. BLOCK DIAGRAM Notes: 1. RY/BY# is only available in the FBGA package. 2. WP# is only available in the TSOP and SSOP packages. Part Number Am29LV640D/Am29LV641D Speed Option VCC = 3.0–3.6 V, VIO = 3.0–5.0 V 90R 120R VCC = 3.0–3.6 V, VIO = 1.8–2.9 V 101R 121R Max Access Time (ns) 90 100 120 CE# Access Time (ns) 90 100 120 OE# Access Time (ns) 35 35 50 Input/Output Buffers X-Decoder Y-Decoder Chip Enable Output Enable Logic Erase Voltage Generator PGM Voltage Generator Timer V CC Detector State Control Command Register V CC V SS WE# WP# (Note 2) ACC CE# OE# STB STB DQ0 –DQ15 Sector Switches RY/BY# (Note 1) RESET# Data Latch Y-Gating Cell Matrix A0–A21 V IO |
同様の部品番号 - AM29LV641DH90RWHIN |
|
同様の説明 - AM29LV641DH90RWHIN |