データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3490IM5-5.0 データシート(PDF) 9 Page - Texas Instruments

部品番号 LM3490IM5-5.0
部品情報  LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3490IM5-5.0 データシート(HTML) 9 Page - Texas Instruments

Back Button LM3490IM5-5.0 Datasheet HTML 5Page - Texas Instruments LM3490IM5-5.0 Datasheet HTML 6Page - Texas Instruments LM3490IM5-5.0 Datasheet HTML 7Page - Texas Instruments LM3490IM5-5.0 Datasheet HTML 8Page - Texas Instruments LM3490IM5-5.0 Datasheet HTML 9Page - Texas Instruments LM3490IM5-5.0 Datasheet HTML 10Page - Texas Instruments LM3490IM5-5.0 Datasheet HTML 11Page - Texas Instruments LM3490IM5-5.0 Datasheet HTML 12Page - Texas Instruments LM3490IM5-5.0 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
LM3490
www.ti.com
SNVS012E – JUNE 1999 – REVISED APRIL 2013
APPLICATIONS INFORMATION
ON/OFF Pin
The LM3490 features a logic controlled ON/OFF pin that will allow the output voltage to be disabled, or enabled,
as needed. The defined operating voltage range for this pin is 0.0V to 5.0V. The ON/OFF pin can not be left
floating, as the output status cannot be ensured. Additionally, the ON/OFF pin should not be biased below
ground potential as unpredictable device behavior may occur.
Pulling the ON/OFF pin voltage to a value between the VIH threshold and 5.0V will enable the output voltage.
Pulling the ON/OFF pin voltage to a value between the VIL threshold and Ground potential will disable the output
voltage. Although the ON/OFF threshold is typically 725mV, and has no hysteresis, the ON/OFF signal must rise
and fall, cleanly and promptly, from voltage levels that are below the VIL threshold and above the VIH threshold.
The ON/OFF pin has no internal pull-up or pull-down to establish a default condition and, as a result, this pin
must be terminated, either actively or passively, to an appropriate voltage level.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3490


同様の部品番号 - LM3490IM5-5.0

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3490IM5-5.0 NSC-LM3490IM5-5.0 Datasheet
291Kb / 10P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
LM3490IM5-5.0 NSC-LM3490IM5-5.0 Datasheet
310Kb / 12P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
logo
Texas Instruments
LM3490IM5-5.0 TI-LM3490IM5-5.0 Datasheet
1,007Kb / 17P
[Old version datasheet]   LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-
More results

同様の説明 - LM3490IM5-5.0

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3490IM5-12 TI-LM3490IM5-12 Datasheet
1,007Kb / 17P
[Old version datasheet]   LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-
logo
National Semiconductor ...
LM3490 NSC-LM3490 Datasheet
291Kb / 10P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
LM3490 NSC-LM3490_07 Datasheet
310Kb / 12P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
logo
TECH PUBLIC Electronics...
TLV76033DBZR TECHPUBLIC-TLV76033DBZR Datasheet
1Mb / 4P
   100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
LM3480IM3X-3.3 TECHPUBLIC-LM3480IM3X-3.3 Datasheet
2Mb / 4P
   100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
National Semiconductor ...
LM3480 NSC-LM3480 Datasheet
277Kb / 9P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LM3480 TI-LM3480_15 Datasheet
1,021Kb / 20P
[Old version datasheet]   LM3480 100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
LM3480IM3X-15 TI-LM3480IM3X-15 Datasheet
996Kb / 15P
[Old version datasheet]   LM3480 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
Calogic, LLC
CLM2805 CALOGIC-CLM2805 Datasheet
35Kb / 3P
   Micropower SOT-23, 120mA Low-Dropout Voltage Regulator ON/OFF Switch
logo
NXP Semiconductors
SA57031-XX PHILIPS-SA57031-XX Datasheet
161Kb / 13P
   Micropower 150 mA, low-noise, low dropout linear regulator with on/off
2003 Jun 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com