データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM56CIMMX データシート(PDF) 8 Page - Texas Instruments

部品番号 LM56CIMMX
部品情報  LM56 Dual Output Low Power Thermostat
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM56CIMMX データシート(HTML) 8 Page - Texas Instruments

Back Button LM56CIMMX Datasheet HTML 4Page - Texas Instruments LM56CIMMX Datasheet HTML 5Page - Texas Instruments LM56CIMMX Datasheet HTML 6Page - Texas Instruments LM56CIMMX Datasheet HTML 7Page - Texas Instruments LM56CIMMX Datasheet HTML 8Page - Texas Instruments LM56CIMMX Datasheet HTML 9Page - Texas Instruments LM56CIMMX Datasheet HTML 10Page - Texas Instruments LM56CIMMX Datasheet HTML 11Page - Texas Instruments LM56CIMMX Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
LM56
SNIS120G – APRIL 2000 – REVISED FEBRUARY 2013
www.ti.com
VT1 = 1.250V x (R1)/(R1 + R2 + R3)
VT2 = 1.250V x (R1 + R2)/(R1 + R2 + R3)
where:
(R1 + R2 + R3) = 27 k
Ω and
VT1 or T2 = [6.20 mV/°C x T] + 395 mV therefore:
R1 = VT1/(1.25V) x 27 kΩ
R2 = (VT2/(1.25V) x 27 k)Ω–R1
R3 = 27 k
Ω − R1 − R2
Application Hints
LM56 TRIP POINT ACCURACY SPECIFICATION
For simplicity the following is an analysis of the trip point accuracy using the single output configuration shown in
Figure 14 with a set point of 82°C.
Trip Point Error Voltage = VTPE,
Comparator Offset Error for VT1E
Temperature Sensor Error = VTSE
Reference Output Error = VRE
Figure 14. Single Output Configuration
8
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM56


同様の部品番号 - LM56CIMMX

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM56CIMMX NSC-LM56CIMMX Datasheet
370Kb / 13P
   Dual Output Low Power Thermostat
LM56CIMMX NSC-LM56CIMMX Datasheet
791Kb / 13P
   Dual Output Low Power Thermostat
logo
Texas Instruments
LM56CIMMX/NOPB TI1-LM56CIMMX/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Dual Output Low Power Thermostat
More results

同様の説明 - LM56CIMMX

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM56 TI-LM56_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM56 Dual Output Low Power Thermostat
LM56 TI1-LM56 Datasheet
1Mb / 22P
[Old version datasheet]   Dual Output Low Power Thermostat
logo
National Semiconductor ...
LM56 NSC-LM56_06 Datasheet
791Kb / 13P
   Dual Output Low Power Thermostat
LM56 NSC-LM56 Datasheet
370Kb / 13P
   Dual Output Low Power Thermostat
LM66 NSC-LM66 Datasheet
62Kb / 5P
   Dual Output Internally Preset Thermostat
logo
ELM Electronics
ELM341 ELM-ELM341 Datasheet
28Kb / 4P
   LOW POWER THERMOSTAT
logo
Rohm
BDJ0800AHFV ROHM-BDJ0800AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJ0700AHFV ROHM-BDJ0700AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJ0601HFV ROHM-BDJ0601HFV Datasheet
270Kb / 10P
   Low current Thermostat Output Temperature Sensor ICs
BDJ0550HFV ROHM-BDJ0550HFV Datasheet
255Kb / 10P
   Low current Thermostat Output Temperature Sensor ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com