データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD694BQ データシート(PDF) 3 Page - Analog Devices

部品番号 AD694BQ
部品情報  4??0 mA Transmitter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD694BQ データシート(HTML) 3 Page - Analog Devices

  AD694BQ Datasheet HTML 1Page - Analog Devices AD694BQ Datasheet HTML 2Page - Analog Devices AD694BQ Datasheet HTML 3Page - Analog Devices AD694BQ Datasheet HTML 4Page - Analog Devices AD694BQ Datasheet HTML 5Page - Analog Devices AD694BQ Datasheet HTML 6Page - Analog Devices AD694BQ Datasheet HTML 7Page - Analog Devices AD694BQ Datasheet HTML 8Page - Analog Devices AD694BQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Model
AD694JN/AQ/AR
AD694BQ/BR
Min
Typ
Max
Min
Typ
Max
Unit
BUFFER AMPLIFIER
6
Input Offset Voltage
Initial Offset
±150
500
±50
500
µV
TMIN to TMAX
±2
±3
±2
±3
µV/°C
vs. Supply
80
90
80
90
dB
vs. Common Mode
80
90
80
90
dB
Trim Range
2.5
±4.0
2.5
±4.0
mV
Frequency Response
Unity Gain, Small Signal
300
300
kHz
Input Voltage Noise (0.1 Hz to 10 Hz)
2
2
µV p-p
Open-Loop Gain
VO = +10 V, RL
≥ 10 kΩ
50
50
V/mV
Output Voltage @ Pin 1, FB
1
Minimum Output Voltage
1.0
10
1.0
10
mV
Maximum Output Voltage
VS –2.5 V
VS–2 V
VS –2.5 V
VS –2 V
V
NOTES
1The single supply op amps of the AD694, lacking pull down current, may not reach 0.000 V at their outputs. For this reason, span, offset, and nonlinearity are
specified with the input amplifiers operating in their linear range. The input voltage used for the tests is 5 mV to 2 V and 5 mV to 10 V for the two precalibrated
input ranges. Span and zero accuracy are tested with the buffer amplifier configured as a follower.
2Offset at 4 mA out and 0 mA out are extrapolated to 0.000 V input from measurements made at 5 mV and at full scale. See Note 1.
3Nonlinearity is specified as the maximum deviation of the output, as a % of span, from a straight line drawn through the endpoints of the transfer function.
4Voltage reference drift guaranteed by the Box Method. The voltage reference output over temperature will fall inside of a box whose length is determined by the
temperature range and whose height is determined by the maximum temperature coefficient multiplied by the temperature span in degrees C.
5Devices tested at these temperatures with a pass transistor. Allowable temperature range of operation is dependent upon internal power dissipation. Absolute
maximum junction and case temperature should not be exceeded. See section: “Power Dissipation Considerations.”
6Buffer amplifier specs for reference. Buffer amplifier offset and drift already included in Span and Zero accuracy specs above.
Specifications subject to change without notice.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels.
All min and max specifications are guaranteed, although only those shown in boldface are tested on all production units.
AD694
–3–
REV. B
PIN CONFIGURATION (N, R, Q PACKAGE)
ABSOLUTE MAXIMUM RATINGS
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36 V
VS to IOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .36 V
Input Voltage, (Either Input Pin 2 or 3) . . . . . –0.3 V to +36 V
Reference Short Circuit to Common . . . . . . . . . . . . Indefinite
Alarm Voltage, Pin 10 . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36 V
4 mA Adj, Pin 6 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 V
4 mA On/Off, Pin 9 . . . . . . . . . . . . . . . . . . . . . . . . 0 V to 36 V
Storage Temperature Range
AD694Q . . . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
AD694N, R . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +125°C
Lead Temperature, 10 sec Soldering . . . . . . . . . . . . . . . 300
°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . 150
°C
Maximum Case Temperature
Plastic Package (N, R) . . . . . . . . . . . . . . . . . . . . . . . . 125
°C
Cerdip Package (Q) . . . . . . . . . . . . . . . . . . . . . . . . . . 125
°C
ORDERING GUIDE
Temperature
Package
Model
Range
Option
*
AD694JN
0
°C to 70°C
N-16
AD694AQ
–40
°C to +85°CQ-16
AD694AR
–40
°C to +85°C
R-16
AD694BQ
–40
°C to +85°CQ-16
AD694BR
–40
°C to +85°C
R-16
*N = Plastic DIP; Q = CERDIP, R = SOIC
Transistor Count: . . . . . . . . . . . . . . . . . . . . . 75 Active Devices
Substrate Connection: . . . . . . . . . . . . . . . . . . . . to Com, Pin 5
Thermal Characteristics:
Plastic (N) Package:
θ
JC = 50
°C/Watt
θCA (Still Air) = 85°C/Watt
Cerdip (Q) Package:
θJC = 30°C/Watt
θ
CA (Still Air) = 70
°C/Watt
Plastic (R) Package:
θJC = 27°C/Watt
θCA (Still Air) = 73°C/Watt
ESD Susceptibility
All pins are rated for a minimum of 4000 V protection, except
for Pins 2, 3 and 9 which are rated to survive a minimum of
1500 V. ESD testing conforms to Human Body Model. Always
practice ESD prevention.
No pin, other than IOUT (11) and
±Sig (2), (3) as noted, may be permitted to become more negative than Com (5). No pin may be
permitted to become more positive than VS (13).


同様の部品番号 - AD694BQ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD694BQ AD-AD694BQ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694BQ AD-AD694BQ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694BQ AD-AD694BQ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
More results

同様の説明 - AD694BQ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD694 AD-AD694_02 Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694BRZ AD-AD694BRZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694ARZ AD-AD694ARZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694 AD-AD694 Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694BRZ AD-AD694BRZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694JNZ AD-AD694JNZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD693BQ AD-AD693BQ Datasheet
462Kb / 12P
   Loop-Powered 4??0 mA Sensor Transmitter
REV. A
AD420ANZ-32 AD-AD420ANZ-32 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420_11 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420_15 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com