データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD706JR データシート(PDF) 8 Page - Analog Devices

部品番号 AD706JR
部品情報  Dual Picoampere Input Current Bipolar Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD706JR データシート(HTML) 8 Page - Analog Devices

Back Button AD706JR Datasheet HTML 4Page - Analog Devices AD706JR Datasheet HTML 5Page - Analog Devices AD706JR Datasheet HTML 6Page - Analog Devices AD706JR Datasheet HTML 7Page - Analog Devices AD706JR Datasheet HTML 8Page - Analog Devices AD706JR Datasheet HTML 9Page - Analog Devices AD706JR Datasheet HTML 10Page - Analog Devices AD706JR Datasheet HTML 11Page - Analog Devices AD706JR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. E
–8–
AD706
OUTPUT
*WITHOUT THE NETWORK,
PINS 1 AND 2, AND 6 AND 7
OF THE AD706 ARE TIED
TOGETHER.
CAPACITORS C1 AND C2
ARE SOUTHERN ELECTRONICS
MPCC, POLYCARB
5%, 50V
+
C4
C3
0.1 F
+VS
OPTIONAL BALANCE
RESISTOR NETWORKS*
1/2
AD706
1/2
AD706
INPUT
C1
C2
+
R1
1M
0.1 F
R2
1M
R3
1M
R4
1M
–VS
R5
2M
C5
0.01 F
3
2
4
1
5
6
7
8
R6
2M
C6
0.01 F
Figure 7. 1 Hz, 4-Pole Active Filter
1 Hz, 4-Pole, Active Filter
Figure 7 shows the AD706 in an active filter application. An
important characteristic of the AD706 is that both the input bias
current, input offset current, and their drift remain low over
most of the op amp’s rated temperature range. Therefore, for
most applications, there is no need to use the normal balancing
resistor. Adding the balancing resistor enhances performance at
high temperatures, as shown by Figure 8.
TEMPERATURE – C
180
–40
0
40
60
120
0
–60
–120
–180
80
120
WITHOUT OPTIONAL
BALANCE RESISTOR, R3
WITH OPTIONAL BALANCE
RESISTOR, R3
Figure 8. VOS vs. Temperature Performance
of the 1 Hz Filter
Table II. 1 Hz, 4-Pole, Low Pass Filter Recommended Component Values
Section 1
Section 2
Desired Low
Frequency
Frequency
C1
C2
C3
C4
Pass Response
(Hz)
Q
(Hz)
Q
( F)
( F)
( F)
( F)
Bessel
1.43
0.522
1.60
0.806
0.116
0.107
0.160
0.0616
Butterworth
1.00
0.541
1.00
1.31
0.172
0.147
0.416
0.0609
0.1 dB Chebychev
0.648
0.619
0.948
2.18
0.304
0.198
0.733
0.0385
0.2 dB Chebychev
0.603
0.646
0.941
2.44
0.341
0.204
0.823
0.0347
0.5 dB Chebychev
0.540
0.705
0.932
2.94
0.416
0.209
1.00
0.0290
1.0 dB Chebychev
0.492
0.785
0.925
3.56
0.508
0.206
1.23
0.0242
NOTE
Specified Values are for a –3 dB point of 1.0 Hz. For other frequencies simply scale capacitors C1 through C4 directly, i.e. for 3 Hz
Bessel response, C1 = 0.0387
µF, C2 = 0.0357 µF, C3 = 0.0533 µF, C4 = 0.0205 µF.


同様の部品番号 - AD706JR

メーカー部品番号データシート部品情報
logo
Analog Devices
AD706JR AD-AD706JR Datasheet
246Kb / 8P
   Dual Picoampere Input Current Bipolar Op Amp
REV. C
AD706JR AD-AD706JR Datasheet
220Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706JR AD-AD706JR Datasheet
230Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706JR AD-AD706JR Datasheet
230Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706JR AD-AD706JR Datasheet
191Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
More results

同様の説明 - AD706JR

メーカー部品番号データシート部品情報
logo
Analog Devices
AD706 AD-AD706 Datasheet
246Kb / 8P
   Dual Picoampere Input Current Bipolar Op Amp
REV. C
AD706ARZ AD-AD706ARZ Datasheet
191Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706JRZ-REEL7 AD-AD706JRZ-REEL7 Datasheet
230Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706JRZ AD-AD706JRZ Datasheet
230Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706JNZ AD-AD706JNZ Datasheet
230Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706 AD-AD706_02 Datasheet
350Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. D
AD706 AD-AD706_03 Datasheet
220Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD705 AD-AD705 Datasheet
451Kb / 8P
   Picoampere Input Current Bipolar Op Amp
REV. B
AD705 AD-AD705_15 Datasheet
559Kb / 3P
   PICOAMPERE INPUT CURRENT BIPOLAR OP AMP
REV. A
AD704AR-16 AD-AD704AR-16 Datasheet
267Kb / 16P
   Picoampere Input Current Quad Bipolar Op Amp
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com