データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD706AR-REEL データシート(PDF) 6 Page - Analog Devices

部品番号 AD706AR-REEL
部品情報  Dual Picoampere Input Current Bipolar Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD706AR-REEL データシート(HTML) 6 Page - Analog Devices

Back Button AD706AR-REEL Datasheet HTML 2Page - Analog Devices AD706AR-REEL Datasheet HTML 3Page - Analog Devices AD706AR-REEL Datasheet HTML 4Page - Analog Devices AD706AR-REEL Datasheet HTML 5Page - Analog Devices AD706AR-REEL Datasheet HTML 6Page - Analog Devices AD706AR-REEL Datasheet HTML 7Page - Analog Devices AD706AR-REEL Datasheet HTML 8Page - Analog Devices AD706AR-REEL Datasheet HTML 9Page - Analog Devices AD706AR-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. E
–6–
AD706
FREQUENCY – Hz
–80
–160
10
100
1k
10k
100k
–120
–100
–140
Figure 2a. Crosstalk vs. Frequency
3
2
4
1
SINE WAVE
GENERATOR
1/2
AD706
0.1 F
+VS 0.1 F
RL
2k
–VS
20V p-p
VOUT1
20k
6
5
7
8
1 F
0.1 F
+VS
2.21k
CROSSTALK = 20 LOG10
–20dB
VOUT2
VOUT2
VOUT1
1/2
AD706
Figure 2b. Crosstalk Test Circuit
FREQUENCY – Hz
1000
0.1
1
10
100
1k
10k
10
100
1
0.001
0.01
100k
AV = –1000
AV = + 1
IOUT = +1mA
Figure 3. Magnitude of Closed-Loop Output
Impedance vs. Frequency
4
0.1 F
+VS
8
1/2
AD706
VIN
0.1 F
RL
2k
CL
VOUT
RF
SQUARE
WAVE
INPUT
–VS
Figure 4a. Unity Gain Follower (For large signal
applications, resistor RF limits the current
through the input protection diodes.)
Figure 4b. Unity Gain Follower Large
Signal Pulse Response, RF = 10 k
Ω,
CL = 1,000 pF
Figure 4c. Unity Gain Follower
Small Signal Pulse Response,
RF = 0
Ω, CL = 100 pF
Figure 4d. Unity Gain Follower
Small Signal Pulse Response,
RF = 0
Ω, CL = 1000 pF


同様の部品番号 - AD706AR-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD706AR-REEL AD-AD706AR-REEL Datasheet
246Kb / 8P
   Dual Picoampere Input Current Bipolar Op Amp
REV. C
AD706AR-REEL AD-AD706AR-REEL Datasheet
220Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706AR-REEL AD-AD706AR-REEL Datasheet
230Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706AR-REEL AD-AD706AR-REEL Datasheet
230Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706AR-REEL AD-AD706AR-REEL Datasheet
191Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
More results

同様の説明 - AD706AR-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD706 AD-AD706 Datasheet
246Kb / 8P
   Dual Picoampere Input Current Bipolar Op Amp
REV. C
AD706ARZ AD-AD706ARZ Datasheet
191Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706JRZ-REEL7 AD-AD706JRZ-REEL7 Datasheet
230Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706JRZ AD-AD706JRZ Datasheet
230Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706JNZ AD-AD706JNZ Datasheet
230Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706 AD-AD706_02 Datasheet
350Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. D
AD706 AD-AD706_03 Datasheet
220Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD705 AD-AD705 Datasheet
451Kb / 8P
   Picoampere Input Current Bipolar Op Amp
REV. B
AD705 AD-AD705_15 Datasheet
559Kb / 3P
   PICOAMPERE INPUT CURRENT BIPOLAR OP AMP
REV. A
AD704AR-16 AD-AD704AR-16 Datasheet
267Kb / 16P
   Picoampere Input Current Quad Bipolar Op Amp
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com