データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD810AN データシート(PDF) 4 Page - Analog Devices

部品番号 AD810AN
部品情報  Low Power Video Op Amp with Disable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD810AN データシート(HTML) 4 Page - Analog Devices

  AD810AN Datasheet HTML 1Page - Analog Devices AD810AN Datasheet HTML 2Page - Analog Devices AD810AN Datasheet HTML 3Page - Analog Devices AD810AN Datasheet HTML 4Page - Analog Devices AD810AN Datasheet HTML 5Page - Analog Devices AD810AN Datasheet HTML 6Page - Analog Devices AD810AN Datasheet HTML 7Page - Analog Devices AD810AN Datasheet HTML 8Page - Analog Devices AD810AN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD810
REV. A
–4–
20
5
020
15
10
515
10
0
SUPPLY VOLTAGE – ±Volts
NO LOAD
RL = 150Ω
Figure 1. Input Common-Mode Voltage Range vs.
Supply Voltage
35
10
0
10
100
10k
1k
25
5
15
20
30
LOAD RESISTANCE – Ohms
±15V SUPPLY
±5V SUPPLY
Figure 3. Output Voltage Swing vs. Load Resistance
–10
140
–40
–60
120
100
80
60
40
20
0
–20
JUNCTION TEMPERATURE –
°C
10
8
6
4
2
0
–2
–4
–6
–8
INVERTING INPUT
VS = ±5V, ±15V
NONINVERTING INPUT
VS = ±5V, ±15V
Figure 5. Input Bias Current vs. Temperature
–Typical Characteristics
20
5
020
15
10
515
10
0
SUPPLY VOLTAGE – ±Volts
NO LOAD
RL = 150Ω
Figure 2. Output Voltage Swing vs. Supply
10
4
140
7
5
–40
6
–60
9
8
120
80
60
40
100
20
0
–20
JUNCTION TEMPERATURE –
°C
VS = ±15V
VS = ±5V
Figure 4. Supply Current vs. Junction Temperature
10
–8
140
–4
–6
–40
–60
2
–2
4
6
8
120
100
80
60
40
20
0
–20
JUNCTION TEMPERATURE –
°C
0
–10
VS = ±15V
VS = ±5V
Figure 6. Input Offset Voltage vs. Junction Temperature


同様の部品番号 - AD810AN

メーカー部品番号データシート部品情報
logo
Analog Devices
AD810AN AD-AD810AN Datasheet
514Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810AN AD-AD810AN Datasheet
517Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810AN AD-AD810AN Datasheet
339Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810AN AD-AD810AN Datasheet
549Kb / 17P
   Low Power Video Op Amp with Disable
AD810ANZ AD-AD810ANZ Datasheet
76Kb / 13P
   MICROCIRCUIT, LINEAR, VIDEO OPERATIONAL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
DSCC FORM 2233 APR 97
More results

同様の説明 - AD810AN

メーカー部品番号データシート部品情報
logo
Analog Devices
AD810ARZ AD-AD810ARZ Datasheet
339Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810AR-EBZ AD-AD810AR-EBZ Datasheet
517Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810 AD-AD810_17 Datasheet
549Kb / 17P
   Low Power Video Op Amp with Disable
AD810 AD-AD810_15 Datasheet
517Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810 AD-AD810 Datasheet
514Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
logo
National Semiconductor ...
CLC410 NSC-CLC410 Datasheet
519Kb / 8P
   Fast Settling, Video Op Amp with Disable
CLC411 NSC-CLC411 Datasheet
640Kb / 8P
   High-Speed Video Op Amp with Disable
logo
Texas Instruments
CLC411 TI1-CLC411 Datasheet
620Kb / 14P
[Old version datasheet]   High Speed Video Op Amp with Disable
logo
Analog Devices
ADA4853-1 AD-ADA4853-1 Datasheet
536Kb / 16P
   Low Power, Rail-to-Rail Output, Video Op Amp with Ultralow Power Disable
REV. B
logo
Texas Instruments
CLC405 TI1-CLC405 Datasheet
547Kb / 15P
[Old version datasheet]   Low Cost, Low Power, 110MHz Op Amp with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com