データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD822AN データシート(PDF) 4 Page - Analog Devices

部品番号 AD822AN
部品情報  Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD822AN データシート(HTML) 4 Page - Analog Devices

  AD822AN Datasheet HTML 1Page - Analog Devices AD822AN Datasheet HTML 2Page - Analog Devices AD822AN Datasheet HTML 3Page - Analog Devices AD822AN Datasheet HTML 4Page - Analog Devices AD822AN Datasheet HTML 5Page - Analog Devices AD822AN Datasheet HTML 6Page - Analog Devices AD822AN Datasheet HTML 7Page - Analog Devices AD822AN Datasheet HTML 8Page - Analog Devices AD822AN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD822
Rev. I | Page 4 of 24
SPECIFICATIONS
VS = 0 V, 5 V @ TA = 25°C, VCM = 0 V, VOUT = 0.2 V, unless otherwise noted.
Table 1.
A Grade
B Grade
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
DC PERFORMANCE
Initial Offset
0.1
0.8
0.1
0.4
mV
Maximum Offset Over Temperature
0.5
1.2
0.5
0.9
mV
Offset Drift
2
2
μV/°C
Input Bias Current
VCM = 0 V to 4 V
2
25
2
10
pA
At TMAX
0.5
5
0.5
2.5
nA
Input Offset Current
2
20
2
10
pA
At TMAX
0.5
0.5
nA
Open-Loop Gain
VOUT = 0.2 V to 4 V
RL = 100 kΩ
500
1000
500
1000
V/mV
TMIN to TMAX
400
400
V/mV
RL = 10 kΩ
80
150
80
150
V/mV
TMIN to TMAX
80
80
V/mV
RL = 1 kΩ
15
30
15
30
V/mV
TMIN to TMAX
10
10
V/mV
NOISE/HARMONIC PERFORMANCE
Input Voltage Noise
f = 0.1 Hz to 10 Hz
2
2
μV p-p
f = 10 Hz
25
25
nV/√Hz
f = 100 Hz
21
21
nV/√Hz
f = 1 kHz
16
16
nV/√Hz
f = 10 kHz
13
13
nV/√Hz
Input Current Noise
f = 0.1 Hz to 10 Hz
18
18
fA p-p
f = 1 kHz
0.8
0.8
fA/√Hz
Harmonic Distortion
RL = 10 kΩ to 2.5 V
f = 10 kHz
VOUT = 0.25 V to 4.75 V
−93
−93
dB
DYNAMIC PERFORMANCE
Unity-Gain Frequency
1.8
1.8
MHz
Full Power Response
VOUT p-p = 4.5 V
210
210
kHz
Slew Rate
3
3
V/μs
Settling Time
To 0.1%
VOUT = 0.2 V to 4.5 V
1.4
1.4
μs
To 0.01%
VOUT = 0.2 V to 4.5 V
1.8
1.8
μs
MATCHING CHARACTERISTICS
Initial Offset
1.0
0.5
mV
Maximum Offset Over Temperature
1.6
1.3
mV
Offset Drift
3
3
μV/°C
Input Bias Current
20
10
pA
Crosstalk @ f = 1 kHz
RL = 5 kΩ
−130
–130
dB
Crosstalk @ f = 100 kHz
RL = 5 kΩ
−93
–93
dB
INPUT CHARACTERISTICS
Input Voltage Range1, TMIN to TMAX
−0.2
+4
−0.2
+4
V
Common-Mode Rejection Ratio (CMRR)
VCM = 0 V to 2 V
66
80
69
80
dB
TMIN to TMAX
VCM = 0 V to 2 V
66
66
dB


同様の部品番号 - AD822AN

メーカー部品番号データシート部品情報
logo
Analog Devices
AD822AN AD-AD822AN Datasheet
320Kb / 16P
   Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
REV. A
AD822AN AD-AD822AN Datasheet
595Kb / 28P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. G
AD822AN AD-AD822AN Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD822AN-3V AD-AD822AN-3V Datasheet
320Kb / 16P
   Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
REV. A
AD822ANZ AD-AD822ANZ Datasheet
595Kb / 28P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. G
More results

同様の説明 - AD822AN

メーカー部品番号データシート部品情報
logo
Analog Devices
AD820 AD-AD820_07 Datasheet
588Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
Rev. E
AD822ARMZ AD-AD822ARMZ Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD824ARZ-14 AD-AD824ARZ-14 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824_V01 Datasheet
344Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Rev. E
AD824 AD-AD824_03 Datasheet
552Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824_15 Datasheet
436Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. D
AD824ARZ-14-REEL7 AD-AD824ARZ-14-REEL7 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824 Datasheet
551Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. A
AD820ARMZ AD-AD820ARMZ Datasheet
428Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power, FET Input Op Amp
Rev. H
AD822 AD-AD822 Datasheet
320Kb / 16P
   Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com