データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7943BN データシート(PDF) 4 Page - Analog Devices

部品番号 AD7943BN
部品情報  3.3 V/5 V Multiplying 12-Bit DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7943BN データシート(HTML) 4 Page - Analog Devices

  AD7943BN Datasheet HTML 1Page - Analog Devices AD7943BN Datasheet HTML 2Page - Analog Devices AD7943BN Datasheet HTML 3Page - Analog Devices AD7943BN Datasheet HTML 4Page - Analog Devices AD7943BN Datasheet HTML 5Page - Analog Devices AD7943BN Datasheet HTML 6Page - Analog Devices AD7943BN Datasheet HTML 7Page - Analog Devices AD7943BN Datasheet HTML 8Page - Analog Devices AD7943BN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD7943/AD7945/AD7948
REV. B
–4–
AC PERFORMANCE CHARACTERISTICS
NORMAL MODE
Parameter
B Grades
T Grade
Units
Test Conditions/Comments
DYNAMIC PERFORMANCE
Output Voltage Settling Time
600
700
ns typ
To 0.01% of Full-Scale Range. VREF =
+10 V; DAC Latch Alternately Loaded with
All 0s and All 1s
Digital to Analog Glitch Impulse
60
60
nV-s typ
Measured with VREF = 0 V. DAC Latch
Alternately Loaded with All 0s and All 1s
Multiplying Feedthrough Error
–75
–75
dB max
DAC Latch Loaded with All 0s
Output Capacitance
60
60
pF max
All 1s Loaded to DAC
30
30
pF max
All 0s Loaded to DAC
Digital Feedthrough (AD7943)
5
5
nV-s typ
Feedthrough to the DAC Output with
LD1,
LD2 High and Alternate Loading of All 0s
and All 1s into the Input Shift Register
Digital Feedthrough (AD7945, AD7948) 5
5
nV-s typ
Feedthrough to the DAC Output with
CS
High and Alternate Loading of All 0s and
All 1s to the DAC Bus
Total Harmonic Distortion
–83
–83
dB typ
Output Noise Spectral Density
@ 1 kHz
35
35
nV/
√Hz typ All 1s Loaded to DAC. V
REF = 0 V. Output
Op Amp Is OP07
Specifications subject to change without notice.
(AD7943: VDD = +4.5 V to +5.5 V; VIOUT1 = VIOUT2 = AGND = 0 V. AD7945, AD7948: VDD = +4.5 V to +5.5 V; VIOUT1 =AGND =
0 V. VREF = 6 V rms, 1 kHz sine wave; TA = TMIN to TMAX; DAC output op amp is AD843; unless otherwise noted.) These characteristics are in-
cluded for Design Guidance and are not subject to test.
AC PERFORMANCE CHARACTERISTICS
BIASED MODE (AD7943: VDD = +3 V to +5.5 V; VIOUT1 = VIOUT2 = AGND = 1.23 V. AD7945, AD7948: VDD = +3 V to +5.5 V; VIOUT1 = AGND =
1.23 V. VREF = 1 kHz, 2.45 V p-p, sine wave biased at 1.23 V; DAC output op amp is AD820; TA = TMIN to TMAX; unless otherwise noted.) These
characteristics are included for Design Guidance and are not subject to test.
Parameter
A Grades
Units
Test Conditions/Comments
DYNAMIC PERFORMANCE
Output Voltage Settling Time
5
µs typ
To 0.01% of Full-Scale Range. VREF = 0 V
DAC Latch Alternately Loaded with All 0s and All 1s
Digital to Analog Glitch Impulse
60
nV-s typ
VREF = 1.23 V. DAC Register Alternately Loaded
with All 0s and All 1s
Multiplying Feedthrough Error
–75
dB max
DAC Latch Loaded with All 0s
Output Capacitance
60
pF max
All 1s Loaded to DAC
30
pF max
All 0s Loaded to DAC
Digital Feedthrough
5
nV-s typ
Feedthrough to the DAC Output with
LD1, LD2
High and Alternate Loading of All 0s and All 1s
into the Input Shift Register
Digital Feedthrough (AD7945, AD7948)
5
nV-s typ
Feedthrough to the DAC Output with CS High
and Alternate Loading of All 0s and All 1s to the
DAC Bus
Total Harmonic Distortion
–83
dB typ
Output Noise Spectral Density
@ 1 kHz
25
nV/
√Hz typ
All 1s Loaded to DAC. VREF = 1.23 V
Specifications subject to change without notice.


同様の部品番号 - AD7943BN

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7943BN AD-AD7943BN Datasheet
329Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BN AD-AD7943BN Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BN AD-AD7943BN Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BN AD-AD7943BN Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BN AD-AD7943BN Datasheet
221Kb / 16P
   3.3 V/5 V Multiplyingnull
REV. B
More results

同様の説明 - AD7943BN

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7948 AD-AD7948_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BNZ AD-AD7943BNZ Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945ARS-BREEL AD-AD7945ARS-BREEL Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BRZ AD-AD7945BRZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945 AD-AD7945_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BNZ AD-AD7945BNZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BRSZ AD-AD7945BRSZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943 AD-AD7943_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BRSZ AD-AD7943BRSZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943 AD-AD7943 Datasheet
329Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com