データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KSD1589 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 KSD1589
部品情報  Low Frequency Power Amplifier Low Speed Switching Industrial Use
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSD1589 データシート(HTML) 2 Page - Fairchild Semiconductor

  KSD1589 Datasheet HTML 1Page - Fairchild Semiconductor KSD1589 Datasheet HTML 2Page - Fairchild Semiconductor KSD1589 Datasheet HTML 3Page - Fairchild Semiconductor KSD1589 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. B, September 2003
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Safe Operating Area
Figure 5. Power Derating
012345
0
1
2
3
4
5
IB = 0.35mA
IB = 0.4mA
IB = 0.5
mA
IB = 0.3mA
IB = 0
VCE[V], COLLECTOR-EMITTER VOLTAGE
0.001
0.1
1
10
10
100
1k
10k
VCE = 2V
IC[A], COLLECTOR CURRENT
0.1
1
10
0.1
1
10
100
I
C = 1000 IB
V
CE(sat)
V
BE(sat)
I
C
[A], COLLECTOR CURRENT
1
10
100
500
0.01
0.1
1
10
100
3m
s
10
0
µs
30
0
µ
s
10m
s
V
CE
[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
5
10
15
20
25
30
TC[
o
C], CASE TEMPERATURE


同様の部品番号 - KSD1589

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KSD1589 FAIRCHILD-KSD1589 Datasheet
44Kb / 4P
   Low Frequency Power Amplifier
KSD1589 FAIRCHILD-KSD1589 Datasheet
61Kb / 4P
   Low Frequency Power Amplifier Low Speed Switching Industrial Use
KSD1589 FAIRCHILD-KSD1589_03 Datasheet
61Kb / 4P
   Low Frequency Power Amplifier Low Speed Switching Industrial Use
More results

同様の説明 - KSD1589

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KSD1589 FAIRCHILD-KSD1589_03 Datasheet
61Kb / 4P
   Low Frequency Power Amplifier Low Speed Switching Industrial Use
logo
Samsung semiconductor
KSD560 SAMSUNG-KSD560 Datasheet
235Kb / 6P
   NPN (LOW FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING INDUSTRIAL USE)
KSD986 SAMSUNG-KSD986 Datasheet
182Kb / 6P
   NPN (LOW FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING INDUSTRIAL USE)
logo
List of Unclassifed Man...
2SD1564 ETC-2SD1564 Datasheet
57Kb / 2P
   Audio Frequency Power Amplifier and Low Speed Switching Industrial Use
2SD1590 ETC-2SD1590 Datasheet
66Kb / 2P
   Audio Frequency Power Amplifier and Low Speed Switching Industrial Use
2SD1595 ETC-2SD1595 Datasheet
25Kb / 1P
   Audio Frequency Power Amplifier and Low Speed Switching Industrial Use
2SD1589 ETC-2SD1589 Datasheet
65Kb / 2P
   Audio Frequency Power Amplifier and Low Speed Switching Industrial Use
2SD1591 ETC-2SD1591 Datasheet
33Kb / 1P
   Audio Frequency Power Amplifier and Low Speed High Current Switching Industrial Use
2SD408 ETC-2SD408 Datasheet
41Kb / 1P
   Low Frequency Power Amplifier,Low Speed Switching
2SD1308 ETC-2SD1308 Datasheet
68Kb / 2P
   NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR AUDIO FREQUENCY POWER AMPLIFIER AND LOW SPEED SWITCHING INDUSTRIAL USE
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com