データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV321L データシート(PDF) 10 Page - STMicroelectronics

部品番号 LMV321L
部品情報  Low-power, general-purpose operational amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV321L データシート(HTML) 10 Page - STMicroelectronics

Back Button LMV321L Datasheet HTML 6Page - STMicroelectronics LMV321L Datasheet HTML 7Page - STMicroelectronics LMV321L Datasheet HTML 8Page - STMicroelectronics LMV321L Datasheet HTML 9Page - STMicroelectronics LMV321L Datasheet HTML 10Page - STMicroelectronics LMV321L Datasheet HTML 11Page - STMicroelectronics LMV321L Datasheet HTML 12Page - STMicroelectronics LMV321L Datasheet HTML 13Page - STMicroelectronics LMV321L Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Electrical characteristics
LMV321L, LMV358L, LMV324L
10/20
DocID023066 Rev 2
Figure 14. Negative slew rate at VCC = 5 V with
Cl = 100 pF
Figure 15. Noise vs. frequency
Figure 16. Distortion + noise vs. frequency
Figure 17. Distortion + noise vs. output voltage
-1
0
1
2
3
4
56
78
9
-2.0
-2.0
-1.5
-1.0
-1.0
-0.5
0.0
0.0
0.5
1.0
1.0
1.5
2.0
2.0
Vcc=5V
Vicm=Vcc/2
Cl=100pF
Rl=1MΩ
T=25°C
T=125°C
T=-40°C
Time (µs)
100
1000
10000
00
20
40
40
60
80
80
100
120
120
140
Vicm=Vcc/2
T=25°C
Vcc=2.7V
Vcc=5V
Frequency (Hz)
100
1000
10000
10
-3
10
-2
10
-1
Vcc=5V
BW=80kHz
Vin=1Vpp
Gain=1
Vicm=Vcc/2
T=25°C
Rl=10kΩ
Rl=2kΩ
Frequency (Hz)
0.01
0.1
1
10
10
-4
10
-3
10
-2
10
-1
Vcc=5V
Gain=1
BW=22kHz
Vicm=Vcc/2
T=25°C
Rl=10kΩ
Rl=2kΩ
Output Voltage (Vpp)


同様の部品番号 - LMV321L

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMV321 NSC-LMV321 Datasheet
1Mb / 27P
   General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Cadeka Microcircuits LL...
LMV321 CADEKA-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
logo
ON Semiconductor
LMV321 ONSEMI-LMV321 Datasheet
608Kb / 22P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
January, 2021 ??Rev. 16
logo
Fairchild Semiconductor
LMV321 FAIRCHILD-LMV321 Datasheet
515Kb / 16P
   General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMV321 TI1-LMV321 Datasheet
1Mb / 30P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
More results

同様の説明 - LMV321L

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMV601 NSC-LMV601 Datasheet
1Mb / 27P
   Low Power General Purpose, 2.7V Operational Amplifiers
logo
Rohm
BD1321G ROHM-BD1321G Datasheet
522Kb / 22P
   Ground Sense Low Power General Purpose Operational Amplifiers
LMR321G-E ROHM-LMR321G-E Datasheet
705Kb / 41P
   Ground sense Low Power General Purpose Operational amplifiers
LMR321G ROHM-LMR321G Datasheet
708Kb / 41P
   Ground Sense Low Power General Purpose Operational Amplifiers
logo
Texas Instruments
LMV602 TI1-LMV602 Datasheet
1Mb / 28P
[Old version datasheet]   MHz, Low Power General Purpose, 2.7V Operational Amplifiers
UA709C TI-UA709C Datasheet
93Kb / 6P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Rohm
BD1321G ROHM-BD1321G_16 Datasheet
728Kb / 23P
   General Purpose Operational Amplifiers
logo
Texas Instruments
UA741 TI-UA741 Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CPSRG4 TI-UA741CPSRG4 Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MU TI-UA741MU Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com