データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS75715KCG3 データシート(PDF) 1 Page - Texas Instruments

部品番号 TPS75715KCG3
部品情報  TPS75701 FAST-TRANSIENT REONSE 3-A LOW-DROPOUR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPS75715KCG3 データシート(HTML) 1 Page - Texas Instruments

  TPS75715KCG3 Datasheet HTML 1Page - Texas Instruments TPS75715KCG3 Datasheet HTML 2Page - Texas Instruments TPS75715KCG3 Datasheet HTML 3Page - Texas Instruments TPS75715KCG3 Datasheet HTML 4Page - Texas Instruments TPS75715KCG3 Datasheet HTML 5Page - Texas Instruments TPS75715KCG3 Datasheet HTML 6Page - Texas Instruments TPS75715KCG3 Datasheet HTML 7Page - Texas Instruments TPS75715KCG3 Datasheet HTML 8Page - Texas Instruments TPS75715KCG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
TPS75715, TPS75718, TPS75725, TPS75733 WITH POWER GOOD AND
TPS75701 FAST TRANSIENT RESPONSE 3A LOW DROPOUT
VOLTAGE REGULATORS
SLVS306E − NOVEMBER 2000 − REVISED FEBRUARY 2009
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 3-A Low-Dropout Voltage Regulator
D Available in 1.5-V, 1.8-V, 2.5-V, and 3.3-V
Fixed-Output and Adjustable Versions
D Open Drain Power-Good (PG) Status
Output (Fixed Options Only)
D Dropout Voltage Typically 150 mV at 3 A
(TPS75733)
D Low 125 µA Typical Quiescent Current
D Fast Transient Response
D 3% Tolerance Over Specified Conditions for
Fixed-Output Versions
D Available in 5-Pin TO−220 and TO−263
Surface-Mount Packages
D Thermal Shutdown Protection
description
The TPS757xx family of 3-A low dropout (LDO) regulators contains four fixed voltage option regulators with
integrated power-good (PG) and an adjustable voltage option regulator. These devices are capable of supplying
3 A of output current with a dropout of 150 mV (TPS75733). Therefore, the device is capable of performing a
3.3-V to 2.5-V conversion. Quiescent current is 125
µA at full load and drops down to less than 1 µA when the
device is disabled. The TPS757xx is designed to have fast transient response for large load current changes.
t − Time −
µs
TPS75715
LOAD TRANSIENT RESPONSE
−100
0
060
40
20
80 100
140
120
160 180 200
0
50
−50
VO = 1.5 V
Co = 100 µF
−150
2
di
dt
+ 0.75 A
ms
4
100
150
0
50
100
150
200
250
−40 −25 −10
5
20
35
50
65
80
95 110 125
TJ − Junction Temperature − °C
TPS75733
DROPOUT VOLTAGE
vs
JUNCTION TEMPERATURE
IO = 3 A
VO = 3.3 V
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2009, Texas Instruments Incorporated
TO−220 (KC) PACKAGE
(TOP VIEW)
1
2
3
4
5
EN
IN
GND
OUTPUT
FB/PG
1
TO−263 (KTT) PACKAGE
(TOP VIEW)
2
3
4
5
EN
IN
GND
OUTPUT
FB/PG


同様の部品番号 - TPS75715KCG3

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS75715KCG3 TI1-TPS75715KCG3 Datasheet
1Mb / 29P
[Old version datasheet]   TPS75701 FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
More results

同様の説明 - TPS75715KCG3

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS75715 TI1-TPS75715_16 Datasheet
1Mb / 29P
[Old version datasheet]   TPS75701 FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75715 TI-TPS75715_15 Datasheet
836Kb / 29P
[Old version datasheet]   TPS75701 FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS7A7300 TI-TPS7A7300_15 Datasheet
1Mb / 29P
[Old version datasheet]   3-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7300 TI1-TPS7A7300 Datasheet
1Mb / 28P
[Old version datasheet]   3-A, FAST-TRANSIENT, LOW-DROPOUT VOLTAGE REGULATOR
TPS75715 TI-TPS75715 Datasheet
366Kb / 25P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
logo
ON Semiconductor
NCP186 ONSEMI-NCP186 Datasheet
334Kb / 13P
   Fast Transient Response Low Voltage 1 A LDO
June, 2015 ??Rev. 0
logo
Texas Instruments
TPS7A7200 TI1-TPS7A7200 Datasheet
1Mb / 29P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7200 TI1-TPS7A7200_15 Datasheet
1Mb / 42P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
logo
ON Semiconductor
NCV8186 ONSEMI-NCV8186 Datasheet
211Kb / 10P
   Fast Transient Response Low Voltage 1 A LDO
June, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com