データシートサーチシステム |
|
Z-15GW255-B データシート(PDF) 1 Page - Omron Electronics LLC |
|
Z-15GW255-B データシート(HTML) 1 Page - Omron Electronics LLC |
1 / 18 page Basic Switch Z General Purpose Basic Switch s High precision basic switch in a variety of styles s Wide margins of operating conditions increase the operating speed range s Available in general purpose and drip- proof types Ordering Information Pin plunger Slim spring Short spring Spring Panel mount Panel mount Panel mount plunger plunger plunger plunger roller plunger cross roller plunger Hinge lever Low-force Low-force wire Short hinge Hinge roller Unidirectional Flexible rod hinge lever hinge lever roller lever lever short hinge roller lever Operating Part Number Actuator Characteristics Rated Current Solder Terminal Screw Terminal Pin plunger 15 A Z-15G Z-15G-B Slim spring plunger 15 A Z-15GS Z-15GS-B Short spring plunger Low OP 15 A Z-15GD Z-15GD-B Panel mount plunger Middle OP 15 A Z-15GQ Z-15GQ-B Panel mount roller plunger 15 A Z-15GQ22 Z-15GQ22-B Panel mount cross roller plunger 15 A Z-15GQ21 Z-15GQ21-B Hinge lever Low OF 15 A Z-15GW Z-15GW-B Low-force hinge lever 15 A Z-15GW4 Z-15GW4-B Short hinge roller lever 15 A Z-15GW22 Z-15GW22-B Hinge roller lever Parallel 15 A Z-15GW2 Z-15GW2-B Unidirectional short hinge roller lever Low OF 15 A Z-15GW2277 Z-15GW2277-B GENERAL PURPOSE TYPE Standard GENERAL PURPOSE |
同様の部品番号 - Z-15GW255-B |
|
同様の説明 - Z-15GW255-B |