データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL32600E データシート(PDF) 6 Page - Intersil Corporation

部品番号 ISL32600E
部品情報  1.8V to 3.3V, Micro-Power, 짹15kV ESD, 125째C, Slew Rate Limited, RS-485/RS-422 Transceivers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32600E データシート(HTML) 6 Page - Intersil Corporation

Back Button ISL32600E Datasheet HTML 2Page - Intersil Corporation ISL32600E Datasheet HTML 3Page - Intersil Corporation ISL32600E Datasheet HTML 4Page - Intersil Corporation ISL32600E Datasheet HTML 5Page - Intersil Corporation ISL32600E Datasheet HTML 6Page - Intersil Corporation ISL32600E Datasheet HTML 7Page - Intersil Corporation ISL32600E Datasheet HTML 8Page - Intersil Corporation ISL32600E Datasheet HTML 9Page - Intersil Corporation ISL32600E Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ISL32600E, ISL32601E, ISL32602E, ISL32603E
6
FN7967.0
June 22, 2012
Input Current (A, B, A/Y, B/Z)
IIN2
DE = 0V, VCC = 0V
(-7V ≤ VIN ≤ 12V) or
2.7V ≤ VCC ≤ 3.6V
VIN = 12V (VCC ≥ 2.7V
for A, B)
Full
-
80
125
µA
VIN = 12V (VCC ≥ 3V for
A/Y, B/Z)
Full
-
80
125
µA
VIN = 10V (VCC = 2.7V
for A/Y, B/Z)
Full
-
80
125
µA
VIN = -7V
Full
-100
-50
-
µA
Receiver Differential Threshold
Voltage
VTH
-7V ≤ VCM ≤ 12V
Full
-200
0
200
mV
Receiver Input Hysteresis
ΔVTH
-7V ≤ VCM ≤ 12V
Full
-
40
-
mV
Receiver Output High Voltage
VOH
IO = -4mA, VID = 200mV
Full
VCC - 0.5
-
-
V
Receiver Output Low Voltage
VOL
IO = 4mA, VID = -200mV
Full
-
-
0.4
V
Three-State (high impedance)
Receiver Output Current
IOZR
0V ≤ VO ≤ VCC, RE = VCC
Full
-1
-
1
µA
Receiver Short-Circuit Current
IOSR
0V ≤ VO ≤ VCC
Full
-
30
±60
mA
SUPPLY CURRENT
No-Load Supply Current (Note 7)
ICC
DI = 0V or VCC,
DE = VCC, RE = 0V or
VCC
VCC = 3V
Full
-
60
100
µA
VCC = 3.6V
Full
-
70
120
µA
DI = 0V or VCC, Rx Only
(DE = 0V, RE = 0V)
VCC = 3V
Full
-
42
65
µA
VCC = 3.6V
Full
-
46
80
µA
Shutdown Supply Current
ISHDN
DE = 0V, RE = VCC, DI = 0V or VCC
Full
-
0.01
1
µA
ESD PERFORMANCE
RS-485 Pins (A, Y, B, Z, A/Y, B/Z)
IEC61000-4-2, Air-Gap Discharge Method
25
-
±15
-
kV
IEC61000-4-2, Contact Discharge Method
25
-
±8
-
kV
Human Body Model, From Bus Pins to GND
25
-
±15
-
kV
All Pins
HBM, per MIL-STD-883 Method 3015
25
-
±8
-
kV
Machine Model
25
-
400
-
V
SWITCHING CHARACTERISTICS
Maximum Data Rate
fMAX
RDIFF = 54Ω,
(Figures 6, 7)
VCC = 2.7V
Full
128
-
-
kbps
VCC ≥ 3V
Full
256
-
-
kbps
Driver Differential Output Delay
tDD
RDIFF = 54Ω, CD = 50pF (Figure 4)
Full
-
340
600
ns
Driver Differential Output Skew
tSKEW
RDIFF = 54Ω, CD = 50pF (Figure 4)
Full
-
1
30
ns
Driver Differential Rise or Fall Time
tR, tF
RDIFF = 54Ω, CD = 50pF (Figure 4)
Full
200
400
1000
ns
Driver Enable to Output High
tZH
RL = 1kΩ, CL = 50pF, SW = GND (Figure 5),
(Note 9)
Full
-
-
1000
ns
Driver Enable to Output Low
tZL
RL = 1kΩ, CL = 50pF, SW = VCC (Figure 5),
(Note 9)
Full
-
-
1000
ns
Driver Disable from Output High
tHZ
RL = 1kΩ, CL = 50pF, SW = GND (Figure 5)
Full
-
-
150
ns
Driver Disable from Output Low
tLZ
RL = 1kΩ, CL = 50pF, SW = VCC (Figure 5)
Full
-
-
150
ns
Driver Enable from Shutdown to
Output High
tZH(SHDN) RL = 1kΩ, CL = 50pF, SW = GND (Figure 5),
(Notes 11, 12)
Full
-
-
10
µs
Electrical Specifications ISL32600E, ISL32601E: Test Conditions: VCC = 2.7V to 3.6V; Typicals are at VCC = 3V, TA = +25°C;
Unless Otherwise Specified. Boldface limits apply over the operating temperature range. (Note 6) (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 15)
TYP
MAX
(Note 15) UNITS


同様の部品番号 - ISL32600E

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL32600E INTERSIL-ISL32600E Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, 짹15kV ESD, 125째C, Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32600E RENESAS-ISL32600E Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, 짹15kV ESD, 125 째C, Slew Rate Limited RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL32600E INTERSIL-ISL32600E Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, ±15kV ESD, 125°C, Slew Rate Limited, RS-485/RS-422 Transceivers
June 22, 2012
ISL32600EFBZ INTERSIL-ISL32600EFBZ Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, ±15kV ESD, 125°C, Slew Rate Limited, RS-485/RS-422 Transceivers
June 22, 2012
logo
Renesas Technology Corp
ISL32600EFBZ RENESAS-ISL32600EFBZ Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, 짹15kV ESD, 125 째C, Slew Rate Limited RS-485/RS-422 Transceivers
More results

同様の説明 - ISL32600E

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL32600E INTERSIL-ISL32600E Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, 짹15kV ESD, 125째C, Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32600E RENESAS-ISL32600E Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, 짹15kV ESD, 125 째C, Slew Rate Limited RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL32600EFBZ INTERSIL-ISL32600EFBZ Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, ±15kV ESD, 125°C, Slew Rate Limited, RS-485/RS-422 Transceivers
June 22, 2012
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
171Kb / 11P
   3.3V Low Power Slew Rate Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX3483E MAXIM-MAX3483E_V01 Datasheet
2Mb / 19P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
MAX3483E MAXIM-MAX3483E Datasheet
231Kb / 16P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com